Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG442LDQ-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG442LDQ-T1-E3
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG442LDQ-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG442LDQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG442LDQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG442LDQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG442LDQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG442LDQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG442LDQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG442LDQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG442LDQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG442LDQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 71399
S11-1066–Rev. E, 30-May-11
www.vishay.com
5
Vishay Siliconix
DG441L, DG442L
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g. Leakage parameters are guaranteed by worst case test conditions and not subject to test.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa (Single Supply 3 V)
Test Conditions
Unless Otherwise Specified
V + = 3 V, V - = 0 V
VIN = 0.4 V
f
A Suffix Limits
- 55 °C to 125 °C
D Suffix Limits
- 40 °C to 85 °C
Unit
Parameter
Symbol
Temp.b
Typ.c
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0303
V
Drain-Source
On-Resistance
RDS(on)
V + = 2.7 V, V - = 0 V
IS = 5 mA, VD = 0.5, 2.2 V
Room
Full
65
80
115
80
100
On-Resistance Match
Between Channelse
RDS(on)
IS = 5 mA, VD = 2.2 V
Room
1
3
3
Switch Off
Leakage Currentg
IS(off)
V + = 3.3 , V - = 0 V
VD = 1, 2 V, VS = 2, 1 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On
Leakage Currentg
ID(on)
V + = 3.3 V, V - = 0 V
VS = VD = 1, 2 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Input Current, VIN Low
e
IIL
VIN under test = 0.4 V
Full
0.005
- 1.5
1.5
- 1
1
µA
Input Current, VIN High
e
IIH
VIN under test = 2.4 V
Full
0.005
- 1.5
1.5
- 1
1
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF
VS = 1.5 V, see figure 2
Room
Full
50
136
175
136
151
ns
Turn-Off Time
tOFF
Room
Full
30
100
140
100
125
Charge Injectione
Q
Vg = 0 V, Rg = 0 , CL = 10 nF
Room
1
pC
Off Isolatione
OIRR
RL = 50 , CL = 5 pF , f = 1 MHz
Room
68
dB
Channel-to-Channel
Crosstalke
XTALK
Room
85
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
6
pF
Drain Off Capacitancee
CD(off)
Room
6
Channel On Capacitancee
CD(on)
Room
20


Similar Part No. - DG442LDQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG442LDQ-T1-E3 VISHAY-DG442LDQ-T1-E3 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG442LDQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. F, 07-Feb-11
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com