Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG444DJ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG444DJ
Description  Quad SPST CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG444DJ Datasheet(HTML) 2 Page - Vishay Siliconix

  DG444DJ Datasheet HTML 1Page - Vishay Siliconix DG444DJ Datasheet HTML 2Page - Vishay Siliconix DG444DJ Datasheet HTML 3Page - Vishay Siliconix DG444DJ Datasheet HTML 4Page - Vishay Siliconix DG444DJ Datasheet HTML 5Page - Vishay Siliconix DG444DJ Datasheet HTML 6Page - Vishay Siliconix DG444DJ Datasheet HTML 7Page - Vishay Siliconix DG444DJ Datasheet HTML 8Page - Vishay Siliconix DG444DJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 70054
S11-0984-Rev. G, 23-May-11
Vishay Siliconix
DG444, DG445
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 6 mW/°C above 75°C.
d. Derate 8 mW/°C above 75°C.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Limit
Unit
V+ to V-
44
V
GND to V-
25
VL
(GND - 0.3) to (V+) + 0.3
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 30 mA, whichever occurs first
Continuous Current (Any Terminal)
30
mA
Current, S or D (Pulsed at 1 ms, 10 % Duty Cycle )
100
Storage Temperature
- 65 to 125
°C
Power Dissipation (Package)b
16-Pin Plastic DIPc
450
mW
16-Pin Narrow Body SOICd
640
SPECIFICATIONS for Dual Supplies
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
e
Temp.a
D Suffix
- 40 °C °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VANALOG
Full
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
IS = - 10 mA, VD = ± 8.5 V
V+ = 13.5 V V- = - 13.5 V
Room
Full
50
85
100
Switch Off Leakage Current
IS(off)
V+ = 16.5, V- = - 16.5 V
VD = ± 15.5 V, VS = ± 15.5 V
Room
Full
- 0.5
- 5
± 0.01
0.5
5
nA
ID(off)
Room
Full
- 0.5
- 5
± 0.01
0.5
5
Channel On Leakage Current
ID(on)
V+ = 16.5 V, V- = - 16.5 V
VS = VD = ± 15.5 V
Room
Full
- 0.5
- 10
± 0.08
0.5
10
Digital Control
Input Current VIN Low
IIL
VIN under test = 0.8 V
All Other = 2.4 V
Full
- 500
- 0.01
500
nA
Input Current VIN High
IIH
VIN under test = 2.4 V
All Other = 0.8 V
Full
- 500
0.01
500
Dynamic Characteristics
Turn-On Time
tON
RL = 1 k, CL = 35 pF
VS = ± 10 V, See Figure 2
Room
120
250
ns
Turn-Off Time
tOFF
DG444
Room
110
140
DG445
Room
160
210
Charge Injectione
Q
CL = 1 nF, VS = 0 V
Vgen = 0 V, Rgen = 0 
Room
- 1
pC
Off Isolatione
OIRR
RL = 50  , CL = 5 pF, f =1 MHz
Room
60
dB
Crosstalk (Channel-to-Channel) d
XTALK
Room
100
Source Off Capacitance
CS(off)
f = 1 MHz
Room
4pF
Drain Off Capacitance
CD(off)
Room
4
Channel On Capacitance
CD(on)
VANALOG = 0 V
Room
16


Similar Part No. - DG444DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG444DJ INTERSIL-DG444DJ Datasheet
103Kb / 10P
   Monolithic, Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG444DJ MAXIM-DG444DJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444DJ VISHAY-DG444DJ Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
logo
Maxim Integrated Produc...
DG444DJ MAXIM-DG444DJ Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
logo
Vishay Siliconix
DG444DJ VISHAY-DG444DJ Datasheet
185Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG444DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com