Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG447 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG447
Description  Low Power, High Voltage SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG447 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG447 Datasheet HTML 2Page - Vishay Siliconix DG447 Datasheet HTML 3Page - Vishay Siliconix DG447 Datasheet HTML 4Page - Vishay Siliconix DG447 Datasheet HTML 5Page - Vishay Siliconix DG447 Datasheet HTML 6Page - Vishay Siliconix DG447 Datasheet HTML 7Page - Vishay Siliconix DG447 Datasheet HTML 8Page - Vishay Siliconix DG447 Datasheet HTML 9Page - Vishay Siliconix DG447 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Vishay Siliconix
DG447, DG448
www.vishay.com
6
Document Number: 73854
S11-1336-Rev. D, 04-Jul-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
TEST CIRCUITS
VO is the steady state output with the switch on.
Charge Injection vs. Analog Voltage
(Measured at COM pin)
Input Switching Threshold vs. Supply Voltage
Analog Voltage (V)
- 60
- 40
- 20
0
20
40
60
80
100
120
140
160
- 15
- 10
- 5
0
5
10
15
CL = 10 nF
V+ = + 15 V
V- = - 15 V
V+ = + 12 V
V- = - 12 V
V+ = + 12 V
V- = 0 V
0.5
0.7
1.1
1.3
V+ (V)
25
20
15
10
5
30
0.9
1.9
1.7
1.5
2.1
2.5
2.3
Charge Injection vs. Analog Voltage
(Measured at NC or NO pin)
Analog Voltage (V)
- 400
- 350
- 300
- 250
- 200
- 150
- 100
- 50
0
50
100
150
- 15
- 10
-5
0
5
10
15
CL = 10 nF
V+ = + 12 V
V- = 0 V
V+ = + 12 V
V- = - 12 V
V+ = + 15 V
V- = - 15 V
Figure 1. Switching Time
CL (includes fixture and stray capacitance)
RL
RL + rON
VO = VS
V -
IN
NO/NC
COM
CL
35 pF
- 15 V
GND
VO
10 V
V +
RL
300
Ω
+ 15 V
0 V
Logic
Input
Switch
Input
Switch
Output
3 V
50 %
0 V
VO
VS
tr < 20 ns
tf < 20 ns
tOFF
tON
90 %
Note:
Logic input waveform is inverted for switches that have the
opposite logic sense.


Similar Part No. - DG447

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG447 VISHAY-DG447 Datasheet
199Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 20-Nov-06
DG447 VISHAY-DG447 Datasheet
283Kb / 11P
   Low Power, High Voltage SPST Analog Switches
DG447DV-T1-E3 VISHAY-DG447DV-T1-E3 Datasheet
199Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 20-Nov-06
DG447DV-T1-E3 VISHAY-DG447DV-T1-E3 Datasheet
283Kb / 11P
   Low Power, High Voltage SPST Analog Switches
DG447 VISHAY-DG447_V01 Datasheet
283Kb / 11P
   Low Power, High Voltage SPST Analog Switches
More results

Similar Description - DG447

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG447 VISHAY-DG447_V01 Datasheet
283Kb / 11P
   Low Power, High Voltage SPST Analog Switches
DG447 VISHAY-DG447 Datasheet
199Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 20-Nov-06
DG467 VISHAY-DG467 Datasheet
144Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 26-Feb-07
DG467 VISHAY-DG467_11 Datasheet
260Kb / 13P
   Low Power, High Voltage SPST Analog Switches
Rev. C, 18-Jul-11
DG467 VISHAY-DG467_V01 Datasheet
187Kb / 11P
   Low Power, High Voltage SPST Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
   Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com