Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG445BDY-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG445BDY-E3
Description  Improved Quad SPST CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG445BDY-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG445BDY-E3 Datasheet HTML 1Page - Vishay Siliconix DG445BDY-E3 Datasheet HTML 2Page - Vishay Siliconix DG445BDY-E3 Datasheet HTML 3Page - Vishay Siliconix DG445BDY-E3 Datasheet HTML 4Page - Vishay Siliconix DG445BDY-E3 Datasheet HTML 5Page - Vishay Siliconix DG445BDY-E3 Datasheet HTML 6Page - Vishay Siliconix DG445BDY-E3 Datasheet HTML 7Page - Vishay Siliconix DG445BDY-E3 Datasheet HTML 8Page - Vishay Siliconix DG445BDY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Document Number: 72626
S11-1350-Rev. B, 04-Jul-11
www.vishay.com
5
Vishay Siliconix
DG444B, DG445B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RDS(on) vs. VD and Single Power Supply Voltages
Leakage Current vs. Temperature
02468
10
12
14
16
0
25
50
75
100
125
150
175
200
225
VD – Drain Voltage (V)
V+ = 5 V
7 V
10 V
12 V
15 V
250
- 55
25
45
5
- 15
65
1 nA
100 pA
10 pA
- 35
1 pA
85
105 125
V+ = 15 V
V- = - 15 V
VS, VD = - 14 V
IS(off), ID(off)
Temperature (°C)
Leakage Currents vs. Analog Voltage
QS, QD - Charge Injection vs. Analog Voltage
- 20
- 15
- 10
- 5
0
40
20
0
- 20
- 40
IS(off), ID(off)
ID(on)
VANALOG – Analog Voltage (V)
V+ = 22 V
V- = - 22 V
TA = 25 °C
30
10
- 10
- 30
5
101520
- 15
- 10
- 5
0
5
10
15
30
20
10
0
- 10
- 20
- 30
V+ = 15 V
V- = - 15 V
V+ = 12 V
V- = 0 V
VANALOG – Analog Voltage (V)
Off Isolation vs. Frequency
10 k
100 k
1 M
10 M
40
50
60
70
80
90
100
110
120
f – Frequency (Hz)
V+ = + 15 V
V- = - 15 V
RL = 50 Ω


Similar Part No. - DG445BDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG445BDY-E3 VISHAY-DG445BDY-E3 Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG445BDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG441B VISHAY-DG441B_V01 Datasheet
201Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
DG444B VISHAY-DG444B_V01 Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com