Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC86F3448B Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC86F3448B
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86F3448B Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC86F3448B Datasheet HTML 6Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 7Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 8Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 9Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 10Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 11Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 12Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 13Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC86F3448B
No.A0120-10/21
Pins
Options
Condition during and on release of reset
Input: Without pull-up MOS transistor
Output: N-channel open drain
Output -off
Input mode: High impedance
P0
Input: With pull-up MOS transistor
Output: CMOS
Output-off
Flash version: During reset and in the first few hundred µs after reset
is released, the pull-up MOS transistor is OFF. Thereafter, set to
input mode with pull-up MOS Tr. ON
Mask version: During reset the pull-up MOS transistor is OFF.
After soon, set to input mode with pull-up MOS Tr. ON
Input: With programmable pull-up MOS transistor
Output: N-channel open drain
P1
Input: With programmable pull-up MOS transistor
Output: CMOS
Output-off
Input mode: High impedance
P3
No options
Input: With programmable pull-up MOS transistor
Output: CMOS
Output -off
Input mode: High impedance
P7
No options
Input: With programmable pull-up MOS transistor
Output: With pull-up MOS (P70)
CMOS (P71 to P73)
Output-off
Input mode: High impedance
On-board writing system
The LC86F3448B has the On-board writing system. The program is renewable by using SANYO Flash On-board
System after the LSI has been installed on the application board.
This system is composed of 4 types divided by the combination of mode setting pin and communication pin.
Each type system has to connect the 6 pins (VDD, VSS, RES, communication pins) with the interface board of SANYO
Flash On-board System.
It is necessary that the pins to be used for the rewriting system should be able to be separated from the application board
properly.
The system type is selected by the option setting program (Su86K.exe).
types
mode setting pin
communication pins
type1
RES pin (high voltage (12V) applied)
P30(DATA1), P31(DATA0), P32(CLK)
type2
RES pin (high voltage (12V) applied)
P30(DATA1), P11(DATA0), P10(CLK)
type3
P30 pin (High level voltage (5V) applied)
P30(ENA/DATA1), P31(DATA0), P32(CLK)
type4
P30 pin (High level voltage (5V) applied)
P30(ENA/DATA1), P11(DATA0), P10(CLK)
• Type 3 or 4 is selected : P30 is exclusive for the on-board system. This pin must always be pulled-down, so
this pin can’t be used for other applications.
• The loader program must be written into the ROM to use On-board writing system.
The loader program should be written into the ROM before the LSI has been installed on the board by the general
purpose PROM programs.
When the option setting selects the this system to use, the loader program automatically links on the user program
linking.
Please ask to our sales persons before using On-board writing system.


Similar Part No. - LC86F3448B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86F3248A SANYO-LC86F3248A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC86F3264A SANYO-LC86F3264A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC86F3548A SANYO-LC86F3548A Datasheet
612Kb / 22P
   LC86F3548A
LC86F3G64A SANYO-LC86F3G64A Datasheet
199Kb / 25P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC86F3448B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com