Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87BK08A Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC87BK08A
Description  8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87BK08A Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC87BK08A Datasheet HTML 3Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 4Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 5Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 6Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 7Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 8Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 9Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 10Page - Sanyo Semicon Device LC87BK08A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LC87BK08A/06A/04A
No.A1984-7/27
SANYO: VCT24(3
×3) “Lead-/Halogen-free Type” (build-to-order )
VCT24
NAME
VCT24
NAME
1
VSS1
13
P20/INT4/T1IN
2
CF1/XT1
14
P21/INT4/T1IN
3
CF2/XT2
15
P00/AN0
4
VDD1
16
P01/AN1
5
P10
17
P02/AN2
6
P11
18
P03/AN3
7
P12
19
P04/AN4
8
P13/SO1
20
P05/AN5/CKO
9
P14/SI1/SB1
21
P06/AN6/T6O
10
P15/SCK1/INT3/T0IN
22
P07/T7O
11
P16/T1PWML/INT2/T0IN
23
P70/INT0/T0LCP/AN8
12
P17/T1PWMH/BUZ/INT1/T0HCP
24
RES
P04/AN4
P05/AN5/CKO
P06/AN6/T6O
P07/T7O
P70/INT0/T0LCP/AN8
RES
9
8
7
P17/T1PWMH/BUZ/INT1/T0HCP
P16/T1PWML/INT2/T0IN
P15/SCK1/INT3/T0IN
P14/SI1/SB1
P13/SO1
P12
19
20
21
22
23
24
12
11
10
LC87BK08A
LC87BK06A
LC87BK04A
Top view


Similar Part No. - LC87BK08A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC87BK08A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com