Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F1A32A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC87F1A32A
Description  8-bit 1-chip Microcontroller with Full-Speed USB
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1A32A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F1A32A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 9Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 10Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 11Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 12Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 13Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 14Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LC87F1A32A
No.A0704-11/26
USB Reference Power Option
When a voltage 4.5 to 5.5V is supplied to VDD1 and the internal USB reference voltage circuit is activated, the
reference voltage for USB port output is generated. The active/inactive state of reference voltage circuit can be switched
by the option select. The procedure for marking the option selection is described below.
(1)
(2)
(3)
(4)
USB Regulator
USE
USE
USE
NONUSE
USB Regulator at HOLD mode
USE
NONUSE
NONUSE
NONUSE
Option select
USB Regulator at HALT mode
USE
NONUSE
USE
NONUSE
Normal state
active
active
active
inactive
HOLD mode
active
inactive
inactive
inactive
Reference voltage circuit
state
HALT mode
active
inactive
active
inactive
• When the USB reference voltage circuit is made inactive, the level of the reference voltage for USB port output is
equal to VDD1.
• Selection (2) or (3) can be used to set the reference voltage circuit inactive in HOLD or HALT mode.
• When the reference voltage circuit is activated, the current drain increase by approximately 100μA compared with
when the reference voltage circuit is inactive.
Example 1: VDD1=VDD2=3.3V
• Inactivating the reference voltage circuit (selection (4)).
• Connecting VDD3 to VDD1 and VDD2.
Example 2: VDD1=VDD2=5.0V
• Activating the reference voltage circuit (selection (1)).
• Isolating VDD3 from VDD1 and VDD2, and connecting capacitor between VDD3 and VSS.
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power supply
3.3V
For
backup
LSI
D+
D-
UFILT
To USB connector
27 to 33
Ω
5pF
0
Ω
2.2
μF
1.5k
Ω
P70
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power supply
5V
For backup
LSI
D+
D-
UFILT
0
Ω
2.2
μF
To USB connector
27 to 33
Ω
5pF
1.5k
Ω
P70
2.2
μF
0.1µF


Similar Part No. - LC87F1A32A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A Datasheet
175Kb / 26P
   CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
logo
ON Semiconductor
LC87F1A32A ONSEMI-LC87F1A32A Datasheet
245Kb / 26P
   8-bit Microcontroller
July, 2014
LC87F1A32AUWA-2H ONSEMI-LC87F1A32AUWA-2H Datasheet
245Kb / 26P
   8-bit Microcontroller
July, 2014
More results

Similar Description - LC87F1A32A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1G64A SANYO-LC87F1G64A Datasheet
191Kb / 29P
   8-bit 1-chip Microcontroller with Full-Speed USB
logo
ATMEL Corporation
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
   8-bit Microcontroller with Full Speed USB Device
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
   8-Bit Microcontroller with Full-Speed USB 2.0
logo
Sanyo Semicon Device
LC87F1364A SANYO-LC87F1364A Datasheet
145Kb / 22P
   8-bit 1-chip Microcontroller with Low-speed USB
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M_06 Datasheet
2Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131 ATMEL-AT89C5131 Datasheet
2Mb / 176P
   8-bit Flash Microcontroller with Full Speed USB Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com