Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16C24 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16C24
Description  RAM Mapping 72*4/68*8/60*16 LCD Driver Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C24 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16C24 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16C24 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16C24 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16C24 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16C24 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16C24 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16C24 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16C24 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16C24 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
HT16C24/HT16C24G
Rev. 1.20
5
September 23, 2011
Pad Coordinates for COB
Unit: μm
No
Name
X
Y
No
Name
X
Y
1
VCCA2
-734.6
1114.95
43
SEG32
917.7
-993.1
2
VDD
-918.4
889.55
44
SEG33
917.7
-908.1
3
SDA
-918.4
804.55
45
SEG34
917.7
-823.1
4
SCL
-918.4
719.55
46
SEG35
917.7
-738.1
5
VSS
-918.4
634.55
47
SEG36
917.7
-653.1
6
COM0
-918.4
549.55
48
SEG37
917.7
-568.1
7
COM1
-918.4
464.55
49
SEG38
917.7
-483.1
8
COM2
-918.4
379.55
50
SEG39
917.7
-398.1
9
COM3
-918.4
294.55
51
SEG40
917.7
-313.1
10
COM4/SEG0
-918.4
199.65
52
SEG41
917.7
-228.1
11
COM5/SEG1
-918.4
114.65
53
SEG42
917.7
-143.1
12
COM6/SEG2
-918.4
29.65
54
SEG43
917.7
-58.1
13
COM7/SEG3
-918.4
-55.35
55
SEG44
917.7
26.9
14
COM8/SEG4
-918.4
-140.35
56
SEG45
917.7
111.9
15
COM9/SEG5
-918.4
-225.35
57
SEG46
917.7
196.9
16
N.C.
-567.474
-161.846
58
SEG47
917.7
281.9
17
COM10/SEG6
-918.4
-310.35
59
SEG48
917.7
366.9
18
COM11/SEG7
-918.4
-395.35
60
SEG49
917.7
451.9
19
COM12/SEG8
-918.4
-480.35
61
SEG50
917.7
536.9
20
COM13/SEG9
-918.4
-565.35
62
SEG51
917.7
621.9
21
COM14/
SEG10
-918.4
-650.35
63
SEG52
917.7
706.9
22
COM15/
SEG11
-918.4
-735.35
64
SEG53
917.7
791.9
23
SEG12
-918.4
-823.1
65
SEG54
880.4
1114.95
24
SEG13
-918.4
-908.1
66
SEG55
795.4
1114.95
25
SEG14
-918.4
-993.1
67
SEG56
710.4
1114.95
26
SEG15
-918.4
-1078.1
68
SEG57
625.4
1114.95
27
SEG16
-595.35
-1115.4
69
SEG58
540.4
1114.95
28
SEG17
-510.35
-1115.4
70
SEG59
455.4
1114.95
29
SEG18
-425.35
-1115.4
71
SEG60
370.4
1114.95
30
SEG19
-340.35
-1115.4
72
SEG61
285.4
1114.95
31
SEG20
-255.35
-1115.4
73
SEG62
200.4
1114.95
32
SEG21
-170.35
-1115.4
74
SEG63
115.4
1114.95
33
SEG22
-85.35
-1115.4
75
SEG64
30.4
1114.95
34
SEG23
-0.35
-1115.4
76
SEG65
-54.6
1114.95
35
SEG24
84.65
-1115.4
77
SEG66
-139.6
1114.95
36
SEG25
169.65
-1115.4
78
SEG67
-224.6
1114.95
37
SEG26
254.65
-1115.4
79
SEG68
-309.6
1114.95
38
SEG27
339.65
-1115.4
80
SEG69
-394.6
1114.95
39
SEG28
424.65
-1115.4
81
SEG70
-479.6
1114.95
40
SEG29
509.65
-1115.4
82
SEG71
-564.6
1114.95
41
SEG30
594.65
-1115.4
83
VLCD
-649.6
1114.95
42
SEG31
917.7
-1078.1


Similar Part No. - HT16C24

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
   RAM Mapping 20*4 / 16*8 LCD Driver Controller
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
   RAM Mapping 44*4 LCD Controller Driver
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
   RAM Mapping 56*4 / 52*8 LCD Driver Controller
HT16C2T3 HOLTEK-HT16C2T3 Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
HT16C2T4 HOLTEK-HT16C2T4 Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
More results

Similar Description - HT16C24

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
   RAM Mapping 20*4 / 16*8 LCD Driver Controller
HT16K23 HOLTEK-HT16K23 Datasheet
1Mb / 33P
   RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
HT16K23_1107 HOLTEK-HT16K23_1107 Datasheet
1Mb / 30P
   RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
   RAM Mapping 56*4 / 52*8 LCD Driver Controller
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
   RAM Mapping 44*4 LCD Controller Driver
HT16L23 HOLTEK-HT16L23 Datasheet
2Mb / 43P
   RAM Mapping 52*4 / 48*8 LCD Driver
HT16K33 HOLTEK-HT16K33 Datasheet
1Mb / 47P
   RAM Mapping 16*8 LED Controller Driver with keyscan
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
   RAM Mapping 32횞4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
   RAM Mapping 36횞4 LCD Driver
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
   RAM Mapping 40x4 LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com