Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16K23 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16K23
Description  RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K23 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16K23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Rev. 1.10
5
July 01, 2011
HT16K23
Approximate Internal Connections
VDD
GND
SCL, SDA
Vselect-on
Vselect-off
COM0~COM3
Vselect-on
Vselect-off
SEG15/K15/INT
SEG19/COM4/K19/INT
Vselect-on
Vselect-off
SEG0/K0 ~ SEG14/K14
SEG16/COM7/K16~SEG18/COM5/K18
Absolute Maximum Ratings
Supply Voltage .......................................................................................................................VSS-0.3V to VSS+6.5V
Input Voltage .........................................................................................................................VSS-0.3V to VDD+0.3V
Storage Temperature ........................................................................................................................-55°C to 150°C
Operating Temperature ......................................................................................................................-40°C to 85°C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Ratings”
may cause substantial damage to the device. Functional operation of this device at other conditions beyond
those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device
reliability.


Similar Part No. - HT16K23

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16K23 HOLTEK-HT16K23 Datasheet
1Mb / 33P
   RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
More results

Similar Description - HT16K23

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16K23 HOLTEK-HT16K23 Datasheet
1Mb / 33P
   RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
HT16K33 HOLTEK-HT16K33 Datasheet
1Mb / 47P
   RAM Mapping 16*8 LED Controller Driver with keyscan
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
   RAM Mapping 20*4 / 16*8 LCD Driver Controller
HT16C24 HOLTEK-HT16C24 Datasheet
2Mb / 37P
   RAM Mapping 72*4/68*8/60*16 LCD Driver Controller
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
   RAM Mapping 56*4 / 52*8 LCD Driver Controller
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
   RAM Mapping 44*4 LCD Controller Driver
HT16L23 HOLTEK-HT16L23 Datasheet
2Mb / 43P
   RAM Mapping 52*4 / 48*8 LCD Driver
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
   RAM Mapping 32횞4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
   RAM Mapping 36횞4 LCD Driver
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
   RAM Mapping 40x4 LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com