Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWR16DC335MTAA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CWR16DC335MTAA
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR16DC335MTAA Datasheet(HTML) 3 Page - Vishay Siliconix

  CWR16DC335MTAA Datasheet HTML 1Page - Vishay Siliconix CWR16DC335MTAA Datasheet HTML 2Page - Vishay Siliconix CWR16DC335MTAA Datasheet HTML 3Page - Vishay Siliconix CWR16DC335MTAA Datasheet HTML 4Page - Vishay Siliconix CWR16DC335MTAA Datasheet HTML 5Page - Vishay Siliconix CWR16DC335MTAA Datasheet HTML 6Page - Vishay Siliconix CWR16DC335MTAA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CWR16
www.vishay.com
Vishay Sprague
Revision: 31-Aug-11
3
Document Number: 40094
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6 VDC AT + 85 °C; 4 VDC AT + 125 °C
3.3
A
CWR16D(1)335(2)(3)A(4)(5)
1
10
12
6
8
8
12
4.7
A
CWR16D(1)475(2)(3)A(4)(5)
1
10
12
6
8
8
12
6.8
B
CWR16D(1)685(2)(3)B(4)(5)
1
10
12
6
8
8
8
10
B
CWR16D(1)106(2)(3)B(4)(5)
1
10
12
6
8
8
8
15
B
CWR16D(1)156(2)(3)B(4)(5)
1
10
12
8
10
10
8
15
D
CWR16D(1)156(2)(3)D(4)(5)
1
10
12
8
10
12
5
15
E
CWR16D(1)156(2)(3)E(4)(5)
1
10
12
8
10
12
3
22
D
CWR16D(1)226(2)(3)D(4)(5)
1
10
12
6
8
8
5
22
E
CWR16D(1)226(2)(3)E(4)(5)
2
20
24
8
10
12
3.5
33
E
CWR16D(1)336(2)(3)E(4)(5)
2
20
24
6
8
8
3.5
47
F
CWR16D(1)476(2)(3)F(4)(5)
3
30
36
8
10
12
3.5
68
F
CWR16D(1)686(2)(3)F(4)(5)
4
40
48
10
12
12
1.5
68
G
CWR16D(1)686(2)(3)G(4)(5)
4
40
48
10
12
12
1
100
G
CWR16D(1)107(2)(3)G(4)(5)
6
60
72
10
12
12
1.1
150
G
CWR16D(1)157(2)(3)G(4)(5)
10
100
120
10
12
12
1.1
220
H
CWR16D(1)227(2)(3)H(4)(5)
10
100
120
10
12
12
0.9
330
H
CWR16D(1)337(2)(3)H(4)(5)
20
200
240
10
12
12
0.9
10 VDC AT + 85 ºC; 7 VDC AT + 125 ºC
2.2
A
CWR16F(1)225(2)(3)A(4)(5)
1
10
12
6
8
8
12
3.3
A
CWR16F(1)335(2)(3)A(4)(5)
1
10
12
6
8
8
12
4.7
B
CWR16F(1)475(2)(3)B(4)(5)
1
10
12
6
8
8
8
4.7
C
CWR16F(1)475(2)(3)C(4)(5)
1
10
12
6
8
8
5.5
6.8
B
CWR16F(1)685(2)(3)B(4)(5)
1
10
12
6
8
8
8
6.8
C
CWR16F(1)685(2)(3)C(4)(5)
1
10
12
6
8
8
5.5
6.8
D
CWR16F(1)685(2)(3)D(4)(5)
1
10
12
6
8
8
5
10
B
CWR16F(1)106(2)(3)B(4)(5)
1
10
12
8
10
10
8
10
C
CWR16F(1)106(2)(3)C(4)(5)
1
10
12
6
8
8
5.5
10
D
CWR16F(1)106(2)(3)D(4)(5)
1
10
12
6
8
8
4
10
E
CWR16F(1)106(2)(3)E(4)(5)
1
10
12
6
8
8
3.5
15
D
CWR16F(1)156(2)(3)D(4)(5)
1
10
12
6
8
8
5
15
E
CWR16F(1)156(2)(3)E(4)(5)
2
20
24
8
10
10
3
22
E
CWR16F(1)226(2)(3)E(4)(5)
3
30
36
8
10
10
2
33
F
CWR16F(1)336(2)(3)F(4)(5)
3
30
36
8
10
10
1.5
47
F
CWR16F(1)476(2)(3)F(4)(5)
4
40
48
10
12
12
1.5
47
G
CWR16F(1)476(2)(3)G(4)(5)
4
40
48
10
12
12
1
68
G
CWR16F(1)686(2)(3)G(4)(5)
6
60
72
10
12
12
1.1
100
G
CWR16F(1)107(2)(3)G(4)(5)
10
100
120
10
12
12
1.1
100
H
CWR16F(1)107(2)(3)H(4)(5)
10
100
120
10
12
12
0.9
150
H
CWR16F(1)157(2)(3)H(4)(5)
15
150
180
10
12
12
0.9
220
H
CWR16F(1)227(2)(3)H(4)(5)
20
200
240
10
12
12
0.9
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL (μA) AT
MAX. DF (%) AT
MAX. ESR
AT + 25 °C
100 kHz
(
)
+ 25 °C
+ 85 °C
+ 125 °C
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
Note
• Part number definitions:
(1) Termination finish: B, C, H
(2) Capacitance tolerance: J, K, M
(3) Failure rate: B, C, T
(4) Surge current: A, B, C, Z
(5) Packaging: Blank, /FA, /HR, /PR, /TR


Similar Part No. - CWR16DC335MTAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR16DB106J VISHAY-CWR16DB106J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR16DB107J VISHAY-CWR16DB107J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR16DB156J VISHAY-CWR16DB156J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR16DB157J VISHAY-CWR16DB157J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR16DB226J VISHAY-CWR16DB226J Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
More results

Similar Description - CWR16DC335MTAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com