Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F2R04A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC87F2R04A
Description  8-bit 1-chip Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F2R04A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC87F2R04A Datasheet HTML 1Page - Sanyo Semicon Device LC87F2R04A Datasheet HTML 2Page - Sanyo Semicon Device LC87F2R04A Datasheet HTML 3Page - Sanyo Semicon Device LC87F2R04A Datasheet HTML 4Page - Sanyo Semicon Device LC87F2R04A Datasheet HTML 5Page - Sanyo Semicon Device LC87F2R04A Datasheet HTML 6Page - Sanyo Semicon Device LC87F2R04A Datasheet HTML 7Page - Sanyo Semicon Device LC87F2R04A Datasheet HTML 8Page - Sanyo Semicon Device LC87F2R04A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LC87F2R04A
No.A1622-5/24
Flash ROM Programmer
Maker
Model
Supported Version
Device
Single
AF9708
AF9709/AF9709B/AF9709C
(including Ando Electric Co., Ltd. models)
Rev 03.11 or later
LC87F2L08A
AF9723/AF9723B(Main unit)
(including Ando Electric Co., Ltd. models)
-
-
Flash Support Group, Inc.
(FSG)
Ganged
AF9833(Unit)
(including Ando Electric Co., Ltd. models)
-
-
AF9101/AF9103(Main unit)
(FSG)
Flash Support Group, Inc.
(FSG)
+
SANYO (Note 1)
Onboard
single/ganged
SIB87(Interface driver)
(SANYO)
(Note 2)
-
Single/ganged
SKK/SKK Type B
(SANYO FWS)
Sanyo
Onboard
single/ganged
SKK-DBG Type B
(SANYO FWS)
Application version
1.05 or later
Chip data version
2.22 or later
LC87F2R04A
For information about AF-Series:
Flash Support Group, Inc.
TEL: +81-53-459-1050
E-mail: sales@j-fsg.co.jp
Note1: On-board-programmer from FSG (AF9101/AF9103) and serial interface driver from SANYO (SIB87) together
can give a PC-less, standalone on-board-programming capabilities.
Note2: It needs a special programming devices and applications depending on the use of programming environment.
Please ask FSG or SANYO for the information.
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
3112B
3287
SANYO : MFP24S(300mil)
1
12
13
24
12.5
0.15
1.0
0.35
(0.75)
SANYO : SSOP24(225mil)
6.5
0.5
(0.5)
24
13
1
12
0.22
0.15


Similar Part No. - LC87F2R04A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F2R04A ONSEMI-LC87F2R04A Datasheet
186Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.65
More results

Similar Description - LC87F2R04A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com