Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG459 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG459
Description  Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG459 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG459 Datasheet HTML 5Page - Vishay Siliconix DG459 Datasheet HTML 6Page - Vishay Siliconix DG459 Datasheet HTML 7Page - Vishay Siliconix DG459 Datasheet HTML 8Page - Vishay Siliconix DG459 Datasheet HTML 9Page - Vishay Siliconix DG459 Datasheet HTML 10Page - Vishay Siliconix DG459 Datasheet HTML 11Page - Vishay Siliconix DG459 Datasheet HTML 12Page - Vishay Siliconix DG459 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Document Number: 70064
S11-1029–Rev. H, 23-May-11
www.vishay.com
9
Vishay Siliconix
DG458, DG459
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DETAILED DESCRIPTION
The Vishay Siliconix DG458 and DG459 multiplexers are
fully fault- and overvoltage-protected for continuous input
voltages up to ± 35 V whether or not voltage is applied to the
power supply pins (V+, V-). These multiplexers are built on a
high-voltage junction-isolated silicon-gate CMOS process.
Two n-channel and one p-channel MOSFETs are connected
in series to form each channel (Figure 1).
Within the normal analog signal range (± 10 V), the RDS(on)
variation as a function of analog signal voltage is comparable
to that of the classic parallel N-MOS and P-MOS switches.
When the analog signal approaches or exceeds either
supply rail, even for an on-channel, one of the three series
MOSFETs gets cut-off, providing inherent protection against
overvoltages even if the multiplexer power supply voltages
are lost. This protection is good up to the breakdown voltage
of the respective series MOSFETs. Under fault conditions
only sub microamp leakage currents can flow in or out of the
multiplexer. This not only provides protection for the
multiplexer and succeeding circuitry, but it allows normal,
undisturbed operation of all other channels. Additionally, in
case of power loss to the multiplexer, the loading caused on
the transducers and signal sources is insignificant, therefore
redundant multiplexers can be used on critical applications
such as telemetry and avionics.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?70064.
Figure 5. Overvoltage Protection
- 15 V
- 15 V
+ 15 V
- 35 V
Overvoltage
+ 35 V
Overvoltage
Q1
Q2
Q3
n-Channel
MOSFET
is On
p-Channel
MOSFET
is Off
n-Channel
MOSFET
is Off
- 15 V
+ 15 V
D
S
G
D
S
G
D
S
G
- 35 V
Overvoltage
+ 35 V
Overvoltage
Q1
Q2
Q3
- 35 V
n-Channel
MOSFET
is On
p-Channel
MOSFET
is Off
n-Channel
MOSFET
is Off
(b) Overvoltage with Multiplexer Power On
(a) Overvoltage with Multiplexer Power Off


Similar Part No. - DG459

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG459 VISHAY-DG459 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG459 VISHAY-DG459 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG459 VISHAY-DG459 Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
DG4599 VISHAY-DG4599 Datasheet
63Kb / 8P
   Low-Voltage Single-Supply, SPDT Analog Switch in SC-70
Rev. B, 26-May-03
DG4599 VISHAY-DG4599 Datasheet
114Kb / 9P
   Low-Voltage Single-Supply, SPDT Analog Switch in SC-70
Rev. C, 30-Apr-07
More results

Similar Description - DG459

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458 VISHAY-DG458_V01 Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com