Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG455EQ-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG455EQ-T1-E3
Description  High Voltage 4-ohm Quad SPST CMOS Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG455EQ-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG455EQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG455EQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG455EQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG455EQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG455EQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG455EQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG455EQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG455EQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG455EQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
6
Document Number: 74473
S09-2549-Rev. E, 30-Nov-09
Vishay Siliconix
DG454, DG455, DG456
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Charge Injection vs. Analog Voltage
Switching Time vs. Dual Supply Voltage
Switching Time vs. Single Supply Voltage
- 60
- 40
- 20
0
20
40
60
80
100
120
140
- 20
- 15
- 10
- 5
0
5
10
15
20
Analog Voltage (V)
CL=1 nF
Drain
V+ = + 15 V
V- = - 15 V
V+ = + 5 V
V- = - 5 V
V+ = + 12 V
V- = - 0 V
20
40
60
80
100
120
140
160
180
200
4
6
8
10
1214161820
Dual Supply Voltage (V)
T = 25 °C
tOFF
tON
0
50
100
150
200
250
300
350
510
15
20
25
30
35
40
Single Supply Voltage (V)
T = 25 °C
tOFF
tON
Switching Time vs. Temperature and
Dual Supply Voltage
Switching Time vs. Temperature and
Single Supply Voltage
Supply Current vs. Input Switching Frequency
25
50
75
100
125
150
175
200
225
250
275
- 55
- 35
- 15
5
25
45
65
85
105
125
Temperature (°C)
tON V = ± 15 V
tOFF V = ± 5 V
tOFF V = ± 15 V
tON V = ± 5 V
0
50
100
150
200
250
300
350
- 55
- 35
- 15
5
25
45
65
85
105
125
Temperature (°C)
tON V = + 12 V
tOFF V = + 12 V
Input Switching Frequency (Hz)
10
100
1K
10K
100K
1M
10M
V+ = + 15 V
V- = - 15 V
100 m
10 m
1 m
100 µ
10 µ
1 µ
100 n
I+
I-
IGND


Similar Part No. - DG455EQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG455EQ-T1-E3 VISHAY-DG455EQ-T1-E3 Datasheet
180Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
DG455EQ-T1-E3 VISHAY-DG455EQ-T1-E3 Datasheet
252Kb / 13P
   High Voltage 4 ??Quad SPST CMOS Analog Switch
08-Feb-17
More results

Similar Description - DG455EQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG451 VISHAY-DG451_09 Datasheet
200Kb / 12P
   High Voltage 4-ohm Quad SPST CMOS Analog Switch
Rev. E, 30-Nov-09
DG454 VISHAY-DG454_V01 Datasheet
252Kb / 13P
   High Voltage 4 ??Quad SPST CMOS Analog Switch
08-Feb-17
DG451 VISHAY-DG451_V01 Datasheet
262Kb / 13P
   High Voltage 4-廓 Quad SPST CMOS Analog Switch
08-Feb-17
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com