Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG459DJ Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG459DJ
Description  Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG459DJ Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG459DJ Datasheet HTML 2Page - Vishay Siliconix DG459DJ Datasheet HTML 3Page - Vishay Siliconix DG459DJ Datasheet HTML 4Page - Vishay Siliconix DG459DJ Datasheet HTML 5Page - Vishay Siliconix DG459DJ Datasheet HTML 6Page - Vishay Siliconix DG459DJ Datasheet HTML 7Page - Vishay Siliconix DG459DJ Datasheet HTML 8Page - Vishay Siliconix DG459DJ Datasheet HTML 9Page - Vishay Siliconix DG459DJ Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
6
Document Number: 70064
S11-1029–Rev. H, 23-May-11
Vishay Siliconix
DG458, DG459
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage Current vs. VS, VD
Switching Times (tTRANS, tON, tOFF) vs. ± VSUPPLIES
Switching Times vs. Temperature
VD or VS – Drain or Source Voltage (V)
25
- 15
- 25
115
12
9
6
3
- 12 - 9
- 6
- 3
- 5
5
15
- 15
20
- 20
- 10
0
10
ID(on)
IS(off)
ID(off)
V+ = 15 V
V- = - 15 V
V+, V- – Positive and Negative Supplies (V)
240
200
160
120
80
40
± 5
± 10
± 15
± 20
tTRANS
tON(EN)
tOFF(EN)
VIN = 2 V
Temperature (°C)
280
240
0
200
160
120
80
40
- 55 - 35
125
- 15
5
25
45
65
85
105
tOPEN
V+ = 15 V
V- = - 15 V
tTRANS
tON(EN)
tOFF(EN)
Off Isolation and XTALK vs. Frequency
QINJ vs. VS
Logic Input Switching Threshold vs. ± VSUPPLIES
f – Frequency (Hz)
- 110
10 k
100 k
10 M
- 100
- 90
- 50
- 80
- 70
- 60
1 M
V+ = 15 V
V- = - 15 V
RL = 1 kΩ
Off Isolation
Crosstalk
VS – Source Voltage (V)
0
- 10
- 30
- 40
- 60
- 10
- 5
0
5
10
- 50
- 20
V+ = 15 V
V- = - 15 V
CL = 1 nF
CL = 10 nF
V+, Supply (V)
2.5
5
7.5
10
12.5
15
17.5
20
3.0
2.0
1.5
1.0
0.5
0
2.5


Similar Part No. - DG459DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG459DJ VISHAY-DG459DJ Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG459DJ VISHAY-DG459DJ Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG459DJ VISHAY-DG459DJ Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
DG459DJ-E3 VISHAY-DG459DJ-E3 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG459DJ-E3 VISHAY-DG459DJ-E3 Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
More results

Similar Description - DG459DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458 VISHAY-DG458_V01 Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com