Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F6D64A Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC87F6D64A
Description  FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F6D64A Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC87F6D64A Datasheet HTML 3Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 4Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 5Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 6Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 7Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 8Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 9Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 10Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LC87F6D64A
No.A1007-7/19
Pin Description
Pin name
I/O
Function
Option
VSS1
-
• Power supply (-)
No
VDD1
VDD2
VDD3
-
• Power supply (+)
No
VP
-
• VFD Power supply (-)
No
PORT0
P00 to P07
I/O
• 8bit input/output port
• Data direction programmable in nibble units
• Use of pull-up resistor can be specified in nibble units
• Input for HOLD release
• Input for port 0 interrupt
• Other functions
P04: clock output (system clock/can selected from sub clock)
On-chip debugger pins: DBGP0 to DBGP2 (P05 to P07)
Yes
PORT1
P10 to P17
I/O
• 8bit input/output port
• Data direction programmable for each bit
• Use of pull-up resistor can be specified for each bit
• Other pin functions
P10: SIO0 data output
P11: SIO0 data input/bus input/output
P12: SIO0 clock input/output
P13: SIO1 data output
P14: SIO1 data input/bus input/output
P15: SIO1 clock input/output
P16: INT2
P17: INT3/Buzzer output
The following types of interrupt detection are possible:
Rising
Falling
Rising/
Falling
H level
L level
INT2
enable
enable
enable
disable
disable
INT3
enable
enable
enable
disable
disable
Yes
PORT7
P70 to P71
• 2bit input/output port
• Data direction can be specified for each bit
• Use of pull-up resistor can be specified for each bit
• Other functions
P70: INT0 input/HOLD release input/Timer 0L capture input/
output for watchdog timer/Remote control receiver input
P71: INT1 input/HOLD release input/Timer 0H capture input
The following types of interrupt detection are possible:
Rising
Falling
Rising/
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
INT1
enable
enable
disable
enable
enable
S0/T0 to S8/T8
O
• Large current output for VFD display controller digit (can be used for segment)
No
S9/T9 to S15/T15
O
• Large current output for VFD display controller segment/digit
No
S16 to S53
O
• Output for VFD display controller segment
No
RES
I
Reset terminal
No
CF1/XT1
I
<ceramic oscillator selected>
• Input terminal for ceramic oscillator
< crystal oscillator selected>
• Input for 32.768kHz crystal oscillation
When not in use, connect to VDD1.
No
CF2/XT2
O
<ceramic oscillator selected>
• Output terminal for ceramic oscillator
< crystal oscillator selected>
• Output for 32.768kHz crystal oscillation
When not in use, set to oscillation mode and leave open circuit.
No


Similar Part No. - LC87F6D64A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC87F69C8A SANYO-LC87F69C8A Datasheet
393Kb / 28P
   8 BIT 1 CHIP MICROCONTROLLER
logo
ON Semiconductor
LC87F6AC8A ONSEMI-LC87F6AC8A Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
LC87F6AC8ALU-EJ-H ONSEMI-LC87F6AC8ALU-EJ-H Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
More results

Similar Description - LC87F6D64A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com