Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F7DJ2B Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC87F7DJ2B
Description  FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7DJ2B Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC87F7DJ2B_10 Datasheet HTML 3Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 4Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 5Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 6Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 7Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 8Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 9Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 10Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LC87F7DJ2B
No.A1636-7/26
Pin Assignments
SANYO: QIP100E(14
×20) “Lead-free type/Halogen-free type”
S20/PC4
S19/PC3
S18/PC2
S17/PC1
S16/PC0
S15/PB7
S14/PB6
S13/PB5
S12/PB4
S11/PB3
S10/PB2
S9/PB1
S8/PB0
S7/PA7
S6/PA6
S5/PA5
S4/PA4
S3/PA3
S2/PA2
S1/PA1
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
V2/PL5/AN13/DBGP1
V1/PL4/AN12/DBGP0
COM0/PL0
COM1/PL1
COM2/PL2
COM3/PL3
P30/INT4/T1IN/INT6/T0LCP1/PWM4/S48
P31/INT4/T1IN/PWM5/S49
VSS3
VDD3
P32/INT4/T1IN/UTX1/S50
P33/INT4/T1IN/URX1/S51
P34/INT5/T1IN/INT7/T0HCP1/UTX2/S52
P35/INT5/T1IN/URX2/S53
P00/DGBP0
P01/DGBP1
P02/DGBP2
P03/INT6
P04/INT7
P05/CKO
LC87F7DJ2B
Top view


Similar Part No. - LC87F7DJ2B_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7DJ2B SANYO-LC87F7DJ2B Datasheet
172Kb / 26P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC87F7DJ2B_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com