Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1YB20 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # S1YB20
Description  General Purpose Rectifiers(200V 0.4A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S1YB20 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  S1YB20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S1YB20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S1YB20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S1YB20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S1YB20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Forward Voltage
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
S1YBx
Tl=150
°C [TYP]
Tl=25
°C [TYP]
Pulse measurement per diode
Forward Voltage VF [V]


Similar Part No. - S1YB20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S1YB60 SHINDENGEN-S1YB60 Datasheet
283Kb / 5P
   General Purpose Rectifiers(600V 0.4A)
More results

Similar Description - S1YB20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S1YB60 SHINDENGEN-S1YB60 Datasheet
283Kb / 5P
   General Purpose Rectifiers(600V 0.4A)
S2V20 SHINDENGEN-S2V20 Datasheet
295Kb / 6P
   General Purpose Rectifiers(200V 1.7A)
U4SBA20 SHINDENGEN-U4SBA20 Datasheet
319Kb / 6P
   General Purpose Rectifiers(200V 4A)
U6SBA20 SHINDENGEN-U6SBA20 Datasheet
315Kb / 6P
   General Purpose Rectifiers(200V 6A)
S1NB20 SHINDENGEN-S1NB20 Datasheet
271Kb / 5P
   General Purpose Rectifiers(200V 1A)
D1N20 SHINDENGEN-D1N20 Datasheet
300Kb / 5P
   General Purpose Rectifiers(200V 1A)
D2F20 SHINDENGEN-D2F20 Datasheet
277Kb / 5P
   General Purpose Rectifiers(200V 1.4A)
U6SB20 SHINDENGEN-U6SB20 Datasheet
307Kb / 6P
   General Purpose Rectifiers(200V 6A)
D3SB20 SHINDENGEN-D3SB20 Datasheet
298Kb / 6P
   General Purpose Rectifiers(200V 4A)
D5SB20 SHINDENGEN-D5SB20 Datasheet
302Kb / 6P
   General Purpose Rectifiers(200V 6A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com