Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX373DT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74LCX373DT
Description  LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX373DT Datasheet(HTML) 1 Page - Motorola, Inc

  MC74LCX373DT Datasheet HTML 1Page - Motorola, Inc MC74LCX373DT Datasheet HTML 2Page - Motorola, Inc MC74LCX373DT Datasheet HTML 3Page - Motorola, Inc MC74LCX373DT Datasheet HTML 4Page - Motorola, Inc MC74LCX373DT Datasheet HTML 5Page - Motorola, Inc MC74LCX373DT Datasheet HTML 6Page - Motorola, Inc MC74LCX373DT Datasheet HTML 7Page - Motorola, Inc MC74LCX373DT Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 4
© Motorola, Inc. 1996
11/96
Low-Voltage CMOS Octal
Transparent Latch
With 5V-Tolerant Inputs and Outputs
(3-State, Non-Inverting)
The MC74LCX373 is a high performance, non–inverting octal
transparent latch operating from a 2.7 to 3.6V supply. High impedance
TTL compatible inputs significantly reduce current loading to input drivers
while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5V allows MC74LCX373 inputs to be
safely driven from 5V devices.
The MC74LCX373 contains 8 D–type latches with 3–state outputs.
When the Latch Enable (LE) input is HIGH, data on the Dn inputs enters
the latches. In this condition, the latches are transparent, i.e., a latch
output will change state each time its D input changes. When LE is LOW,
the latches store the information that was present on the D inputs a setup
time preceding the HIGH–to–LOW transition of LE. The 3–state standard
outputs are controlled by the Output Enable (OE) input. When OE is
LOW, the standard outputs are enabled. When OE is HIGH, the standard
outputs are in the high impedance state, but this does not interfere with
new data entering into the latches.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant — Interface Capability With 5V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
Pinout: 20–Lead (Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
O7
D7
D6
O6
O5
D5
D4
O4
LE
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND
DW SUFFIX
PLASTIC SOIC
CASE 751D–04
DT SUFFIX
PLASTIC TSSOP
CASE 948E–02
20
1
20
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 967–01
20
1
SD SUFFIX
PLASTIC SSOP
CASE 940C–03
20
1
PIN NAMES
Function
Output Enable Input
Latch Enable Input
Data Inputs
3–State Latch Outputs
Pins
OE
LE
D0–D7
O0–O7
MC74LCX373
LOW–VOLTAGE
CMOS OCTAL
TRANSPARENT LATCH


Similar Part No. - MC74LCX373DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX373DT ONSEMI-MC74LCX373DT Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX373DT ONSEMI-MC74LCX373DT Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373DTG ONSEMI-MC74LCX373DTG Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373DTG ONSEMI-MC74LCX373DTG Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
MC74LCX373DTR2 ONSEMI-MC74LCX373DTR2 Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
More results

Similar Description - MC74LCX373DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX573 ONSEMI-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 3
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373_07 Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373 ONSEMI-MC74LCX373_13 Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com