Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F76C8A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC87F76C8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LC87F76C8A
No.A0858-4/24
Interrupts
• 22 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest
level takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest
vector address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/remote control receiver
4
0001BH
H or L
INT3/base timer
5
00023H
H or L
T0H
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
SIO0/UART1 receive
8
0003BH
H or L
SIO1/UART1 transmit
9
00043H
H or L
ADC/MIC/T6/T7/PWM4, PWM5
10
0004BH
H or L
Port 0/T4/T5
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
• IFLG (List of interrupt source flag function)
1) Shows a list of interrupt source flags that caused a branching to a particular vector address
Subroutine Stack Levels: 2048 levels maximum (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits
• RC oscillation circuit (internal): For system clock
• CF oscillation circuit: For system clock, with internal Rf and external Rd
• Crystal oscillation circuit: For low-speed system clock, with internal Rf and external Rd
• Multifrequency RC oscillation circuit (internal): For system clock
1) Adjustable in
±4% (typ) increments from the selected center frequency.
2) Measures the frequency of the source oscillation clock using the input signal from XT1 as the reference.
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 300ns, 600ns, 1.2μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs, 38.4μs,
and 76.8
μs (at a main clock rate of 10MHz).
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 300ns, 600ns, 1.2μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs, 38.4μs, and 76.8μs
(at a main clock rate of 10MHz).
System Clock Multiplier Function
• Allows the 2 or 3 times the clock frequency to be selected when the crystal oscillation output is used as the system
clock.


Similar Part No. - LC87F76C8A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F76C8A ONSEMI-LC87F76C8A Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
More results

Similar Description - LC87F76C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com