Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F83C8AU Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC87F83C8AU
Description  FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F83C8AU Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC87F83C8AU Datasheet HTML 3Page - Sanyo Semicon Device LC87F83C8AU Datasheet HTML 4Page - Sanyo Semicon Device LC87F83C8AU Datasheet HTML 5Page - Sanyo Semicon Device LC87F83C8AU Datasheet HTML 6Page - Sanyo Semicon Device LC87F83C8AU Datasheet HTML 7Page - Sanyo Semicon Device LC87F83C8AU Datasheet HTML 8Page - Sanyo Semicon Device LC87F83C8AU Datasheet HTML 9Page - Sanyo Semicon Device LC87F83C8AU Datasheet HTML 10Page - Sanyo Semicon Device LC87F83C8AU Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LC87F83C8A/C8AU/96A/96AU/64A/64AU
No.A1780-7/31
Continued from preceding page.
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
IOPL(1)
Ports 0, 1, 2, 3, 8
Ports B, C, E, F
SI2P0 to SI2P3
XT2
Per 1 application pin.
10
IOPL(2)
PWM0, PWM1
Per 1 application pin.
20
Peak output
current
IOPL(3)
EO, SUBPD
Per 1 application pin.
5
IOML(1)
Ports 0, 1, 2, 3, 7
Ports 8, B, C, E, F
SI2P0 to SI2P3
XT2
Per 1 application pin.
7.5
IOML(2)
PWM0, PWM1
Per 1 application pin.
20
Average
output current
(Note 1-1)
IOML(3)
EO, SUBPD
Per 1 application pin.
5
ΣIOAL(1)
Port 7, XT2
Total of all applicable pins
25
ΣIOAL(2)
Port 8
Total of all applicable pins
25
ΣIOAL(3)
Ports 7, 8, XT2
Total of all applicable pins
45
ΣIOAL(4)
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
25
ΣIOAL(5)
Port 0
Total of all applicable pins
25
ΣIOAL(6)
Port 0
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
45
ΣIOAL(7)
Ports 2, 3, B
Total of all applicable pins
25
ΣIOAL(8)
Ports C
Total of all applicable pins
25
ΣIOAL(9)
Ports 2, 3, B, C
Total of all applicable pins
45
ΣIOAL(10)
Port F
Total of all applicable pins
25
ΣIOAL(11)
Ports 1, E
Total of all applicable pins
25
ΣIOAL(12)
Ports 1, E, F
Total of all applicable pins
45
Total output
current
ΣIOAL(13)
EO, SUBPD
Total of all applicable pins
10
mA
Maximum power
consumption
Pd max
QIP100E
Ta = -40 to +85
°C
400
mW
Operating
temperature range
Topr
-40
+85
°C
Storage
temperature range
Tstg
-45
+125
°C
Note 1-1: Average output current is average of current in 100ms interval.


Similar Part No. - LC87F83C8AU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F83C8AU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com