Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F8364AU Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC87F8364AU
Description  FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F8364AU Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC87F8364AU Datasheet HTML 1Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 2Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 3Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 4Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 5Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 6Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 7Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 8Page - Sanyo Semicon Device LC87F8364AU Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LC87F83C8A/C8AU/96A/96AU/64A/64AU
No.A1780-4/31
Subroutine Stack Levels
• 3072 levels maximum (1/2 of capacity of RAM, the stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits and PLL
• RC oscillator circuit (internal):
For system clock
• Main XT crystal oscillator circuit:
For system clock with internal Rf, Rd
• Sub XT crystal oscillator circuit:
For time-of-day clock, for low-speed system clock with internal Rf
and external Rd
• Multifrequency RC oscillator circuit (internal): For system clock
• PLL circuit (internal):
For AM/FM tuner
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 222ns, 444ns, 888ns, 1.78μs, 3.55μs, 7.10μs, 14.2μs, 28.4μs,
and 56.8
μs.
PLL Block
• Twelve reference frequencies when main XT is 13.5MHz: 1kHz, 3kHz, 3.125kHz, 5kHz, 6.25kHz, 9kHz, 10kHz,
12.5kHz, 25kHz, 30kHz, 50kHz, and 100kHz
• Range of input frequency
1) AMIN: 0.5 to 40MHz
2) FMIN: 10 to 150MHz
3) HCTR: 0.4 to 12MHz
4) LCTR: 100 to 500kHz
• Supports dead zone control.
• Built-in unlock detection circuit.
Universal Counter
• This 20-bit counter can be used for frequency measurement.
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) Canceled by system reset, detection VDET0 or occurrence of interrupt.
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The main XT crystal oscillators, RC, and sub XT crystal oscillators automatically stop operation.
2) There are four ways of resetting the HOLD mode.
(1) Setting the Reset pin to the lower level.
(2) Voltage descent detection (VDET1)
(3) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level.
(4) Having an interrupt source established at port 0.
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The main XT crystal oscillators, and RC oscillators automatically stop operation.
2) The state of crystal oscillation established when the HOLD mode is entered is retained.
3) There are five ways of resetting the X'tal HOLD mode.
(1) Setting the Reset pin to the low level.
(2) Voltage descent detection (VDET0)
(3) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level.
(4) Having an interrupt source established at port 0.
(5) Having an interrupt source established in the base timer circuit.


Similar Part No. - LC87F8364AU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F8364AU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com