Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0664 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
Rev. 1.00
6
����st 1�� �011
Rev. 1.00
7
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
General Description
The Enhanced A/D Type with LCD is a 8-bit high performance, RISC architecture microcontroller
specifically designed for applications that interface directly to analog signals and which require an
LCD interface. The device includes an integrated multi-channel Analog to Digital Converter, Pulse
Width Modulation outputs and an LCD driver. The benefits of integrated A/D, LCD, and PWM
functions, in addition to low power consumption, high performance, I/O flexibility, timer functions,
oscillator options, power down and wake-up functions, watchdog timer and low voltage reset,
combine to provide device with a huge range of functional options while still main taining a high
level of cost effectiveness. The fully integrated system oscillator HIRC, which requires no external
components and which has three frequency selections, opens up a huge range of new application
possibilities for the device, some of which may include industrial control, consumer products,
household appliances subsystem controllers, etc.
Block Diagram
Ti mi ng
Ge me ra ti on
8- bi t
RI SC
MC U
Co re
RO M/ RA M
Me mo ry
A/ D
Co nv er te r
Bu zze r
Ti me
Ba se 0 /1
Ti me r
LC D
Dr iv er
PW M
Dr iv er
I/ O
Po rt s
PF D
Dr iv er
Pin Assignment
(44-QFP)
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
PE2/SEG18/INT0
PA0/INT1/PWM0
PA1/[TC0]/TC1/INT2
PA2/[TC1]/TC0/INT3
VDD
VSS
PA5/OSC2/AN11
PA6/OSC1/AN10
PF0/AN9
PA4/XT1
PA3/XT2
PC6/SEG6
PC5/SEG5
PC4/SEG4
PC3/SEG3
PC2/SEG2
PC1/SEG1
PC0/SEG0
PB7/COM0
PB6/COM1
PB5/COM2
PB4/COM3
Note: 1. Bracketed pin names indicate non-default pinout remapping locations.
2. If the pin-shared pin functions have multiple outputs simultaneously, its pin names at the right
side of the “/” sign can be used for higher priority.


Similar Part No. - HT46R0664

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results

Similar Description - HT46R0664

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_15 Datasheet
4Mb / 135P
   Enhanced A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com