Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F2924B Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC87F2924B
Description  FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F2924B Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC87F2924B Datasheet HTML 1Page - Sanyo Semicon Device LC87F2924B Datasheet HTML 2Page - Sanyo Semicon Device LC87F2924B Datasheet HTML 3Page - Sanyo Semicon Device LC87F2924B Datasheet HTML 4Page - Sanyo Semicon Device LC87F2924B Datasheet HTML 5Page - Sanyo Semicon Device LC87F2924B Datasheet HTML 6Page - Sanyo Semicon Device LC87F2924B Datasheet HTML 7Page - Sanyo Semicon Device LC87F2924B Datasheet HTML 8Page - Sanyo Semicon Device LC87F2924B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LC87F2924B
No.A1211-5/28
Programming Boards
Package
Programming boards
QIP64E (14
×14)
W87F50256Q
TQFP64J (7
×7)
W87F58256TQ7
FLGA68K (6.0
×6.0)
W87F58256FL6 * This board is Built To Order. It may take about a month to deliver.
FLGA64 (5.0
×5.0)
W87F59256FL5 * This board is Built To Order. It may take about a month to deliver.
Flash ROM Programmer
Maker
Model
Supported version
Device
Flash Support Group, Inc.
(FSG)
Single Programmer
AF9708
AF9709/AF9709B/AF9709C
(Including Ando Electric Co., Ltd. models)
Rev 02.82 or later
LC87F2924B
AF9101/AF9103(Main body)
(FSG models)
Flash Support Group, Inc.
(FSG)
+
SANYO
(Note 1)
In-circuit Programmer
SIB87(Inter Face Driver)
(SANYO model)
(Note 2)
LC87F2924B
Single/Gang
Programmer
SKK/SKK Type B
(SANYO FWS)
SANYO
In-circuit/Gang
Programmer
SKK-DBG Type B
(SANYO FWS)
Application Version
1.04 or later
Chip Data Version
2.11 or later
LC87F2924
Note1: On-board-programmer from FSG (AF9101/AF9103) and serial interface driver from SANYO (SIB87) together
can give a PC-less, standalone on-board-programming capabilities.
Note2: It needs a special programming devices and applications depending on the use of programming environment.
Please ask FSG or SANYO for the information.
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
3159A
3289
SANYO : TQFP64J(7X7)
7.0
9.0
0.125
0.16
0.4
(0.5)
1
16
33
48
17
64
32
49
SANYO : QIP64E(14X14)
14.0
17.2
0.15
0.35
0.8
(1.0)
116
17
32
33
48
49
64


Similar Part No. - LC87F2924B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F2924B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com