Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG467 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG467
Description  Low Power, High Voltage SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG467 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG467 Datasheet HTML 1Page - Vishay Siliconix DG467 Datasheet HTML 2Page - Vishay Siliconix DG467 Datasheet HTML 3Page - Vishay Siliconix DG467 Datasheet HTML 4Page - Vishay Siliconix DG467 Datasheet HTML 5Page - Vishay Siliconix DG467 Datasheet HTML 6Page - Vishay Siliconix DG467 Datasheet HTML 7Page - Vishay Siliconix DG467 Datasheet HTML 8Page - Vishay Siliconix DG467 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 74413
S11-1429–Rev. C, 18-Jul-11
www.vishay.com
5
Vishay Siliconix
DG467, DG468
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RON vs. VCOM and Single Supply Voltage
RON vs. VCOM and Dual Supply Voltage
Leakage vs. Analog Voltage
VCOM - Analog Voltage (V)
24
18
12
66
3
0
3
0
0
4
8
12
16
V+ = 9 V
V+ = 12 V
V+ = 24 V
V+ = 36 V
INO/NC = 10 mA
VCOM - Analog Voltage (V)
0
- 5
- 10
- 15
- 20
510
20
15
0
2
4
6
8
10
INO/NC = 10 mA
V = ± 20 V
V = ± 15 V
V = ± 12 V
V = ± 10 V
V = ± 8 V
VCOM,
- Analog Voltage (V)
V
,
V
NO
NC
- 600
- 400
- 200
0
200
400
600
- 16.5 - 13.5 - 10.5 - 7.5 - 4.5 - 1.5 1.5 4.5 7.5 10.5 13.5 16.5
V = ± 16.5 V
COM(ON)
I
COM(OFF)
I
NO/NC(OFF)
I
RON vs. Analog Voltage and Temperature
RON vs. Analog Voltage and Temperature
Leakage Current vs. Temperature
VCOM - Analog Voltage (V)
8
6
4
2
0
10
12
0
4
8
12
16
20
INO/NC = 10 mA
85 °C
25 °C
- 40 °C
V+ = 12 V
VCOM - Analog Voltage (V)
5
0
- 5
- 10
- 15
10
15
0
2
4
6
8
10
INO/NC = 10 mA
85 °C
25 °C
- 40 °C
V = ± 15 V
Temperature (°C)
1
10
100
1000
10 000
- 40
- 20
0
20
40
60
80
V = ± 16.5 V
COM(ON)
I
COM(OFF)
I
NO/NC(OFF)
I


Similar Part No. - DG467

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG467 VISHAY-DG467 Datasheet
144Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 26-Feb-07
DG467 VISHAY-DG467 Datasheet
187Kb / 11P
   Low Power, High Voltage SPST Analog Switches
08-Feb-17
DG467DV-T1-E3 VISHAY-DG467DV-T1-E3 Datasheet
144Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 26-Feb-07
DG467DV-T1-E3 VISHAY-DG467DV-T1-E3 Datasheet
187Kb / 11P
   Low Power, High Voltage SPST Analog Switches
08-Feb-17
DG467 VISHAY-DG467_V01 Datasheet
187Kb / 11P
   Low Power, High Voltage SPST Analog Switches
08-Feb-17
More results

Similar Description - DG467

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG447 VISHAY-DG447_11 Datasheet
325Kb / 13P
   Low Power, High Voltage SPST Analog Switches
Rev. D, 04-Jul-11
DG447 VISHAY-DG447_V01 Datasheet
283Kb / 11P
   Low Power, High Voltage SPST Analog Switches
DG447 VISHAY-DG447 Datasheet
199Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 20-Nov-06
DG467 VISHAY-DG467 Datasheet
144Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 26-Feb-07
DG467 VISHAY-DG467_V01 Datasheet
187Kb / 11P
   Low Power, High Voltage SPST Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
   Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com