Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG507B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG507B
Description  Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG507B Datasheet(HTML) 1 Page - Vishay Siliconix

  DG507B Datasheet HTML 1Page - Vishay Siliconix DG507B Datasheet HTML 2Page - Vishay Siliconix DG507B Datasheet HTML 3Page - Vishay Siliconix DG507B Datasheet HTML 4Page - Vishay Siliconix DG507B Datasheet HTML 5Page - Vishay Siliconix DG507B Datasheet HTML 6Page - Vishay Siliconix DG507B Datasheet HTML 7Page - Vishay Siliconix DG507B Datasheet HTML 8Page - Vishay Siliconix DG507B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Vishay Siliconix
DG506B, DG507B
Document Number: 65150
S10-0660-Rev. B, 22-Mar-10
www.vishay.com
1
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
DESCRIPTION
The DG506B and DG507B are high performance analog
multiplexers. Their ultra-low switch charge injection, low
channel capacitance, and low leakage level allows them to
achieve superior switching performance. The DG506B is a
16-channel single-ended analog multiplexer designed to
connect one of sixteen inputs to a common output as
determined by a 4-bit binary address (A0, A1, A2, A3). The
DG507B is a dual 8-channel differential analog multiplexer
designed to connect one of eight differential inputs to a
common dual output as determined by its 3-bit binary
address (A0, A1, A2). Break-before-make switching action
protects against momentary crosstalk between adjacent
channels.
An on channel conducts current equally well in both
directions. In the off state each channel blocks voltages up to
the power supply rails. An enable (EN) function allows the
user to reset the multiplexer/demultiplexer to all switches off
for stacking several devices. All control inputs, addresses
(Ax) and enable (EN) are TTL compatible over the full
specified operating temperature range.
The DG506B and DG507B are fabricated on an enhanced
SG-II CMOS process that achieves improved performance
on: reduced charge injection, lower device leakage, and
minimized parasitic capacitance.
As the DG506, DG507 has a long history in the industry with
many suppliers offering copies, and in some cases improved
variations, with the best in class improvements, the Vishay
Siliconix new version of the DG506B, DG507B are the
superior alternatives to what is currently available.
Applications for the DG506B, DG507B include high speed
and high precision data acquisition, audio signal switching
and routing, ATE systems, and avionics. High performance
and low power dissipation make them ideal for battery
operated and remote instrumentation applications.
The DG506B and DG507B have the absolute maximum
voltage rating extended to 44 V. Additionally, single supply
operation is also allowed. An epitaxial layer prevents
latch-up.
The DG506B and DG507B are both available in 28-lead
SOIC
and
TSSOP
package
options
with
extended
temperature range of - 40 °C to + 125 °C.
For more information, refer to Vishay Siliconix DG506B,
DG507B evaluation board note.
FEATURES
Operate with single or dual power supply
V+ to V- analog signal swing range
44 V power supply maximum rating
Extended operate temperature range:
- 40 °C to + 125 °C
Low leakage typically < 3 pA
Low charge injection - QINJ = 1 pC
Low power - ISUPPLY: 5 µA
TTL compatible logic
> 250 mA latch up current per JESD78
Available in SOIC28 and TSSOP28 packages
Superior alternative to:
- ADG506A, DG506A, HI-506
- ADG507A, DG507A, HI-507
Compliant to RoHS directive 2002/95/EC
Halogen-free according to IEC 61249-2-21 definition
BENEFITS
Reduced switching errors
Reduced glitching
Improved data throughput
Reduced power consumption
Increased ruggedness
Wide supply ranges (± 5 V to ± 20 V)
APPLICATIONS
Data acquisition systems
Audio and video signal routing
ATE systems
Medical instrumentation


Similar Part No. - DG507B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG507B VISHAY-DG507B Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
More results

Similar Description - DG507B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com