Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG528DN Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG528DN
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG528DN Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG528DN Datasheet HTML 4Page - Vishay Siliconix DG528DN Datasheet HTML 5Page - Vishay Siliconix DG528DN Datasheet HTML 6Page - Vishay Siliconix DG528DN Datasheet HTML 7Page - Vishay Siliconix DG528DN Datasheet HTML 8Page - Vishay Siliconix DG528DN Datasheet HTML 9Page - Vishay Siliconix DG528DN Datasheet HTML 10Page - Vishay Siliconix DG528DN Datasheet HTML 11Page - Vishay Siliconix DG528DN Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
8
Document Number: 70068
S11-1029–Rev. D, 23-May-11
Vishay Siliconix
DG528, DG529
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Figure 8. Reset Turn-Off Time tOFF(RS)
3 V
0 V
0 V
50 %
DG528
DG529
RS
Switch
Output
VO
80 %
tOFF(RS)
RS
VO
EN
Remaining
Switches
WR
S1 or S1b
Db, D
A0, A1, (A2)
300 W
V+
GND
V-
+ 5 V
35 pF
- 15 V
+ 15 V
+ 2.4 V
Figure 9. Bus Interface
Data Bus
RESET
Address
Decoder
Address
Bus
+ 5 V
EN
V+
V-
D
+ 15 V
- 15 V
DG528
Processor
System
Bus
± 15 V
Analog
Inputs
Analog
Output
WR
RS
S1
S8
A0, A1, A2 ,
WRITE


Similar Part No. - DG528DN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG528DN MAXIM-DG528DN Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Vishay Siliconix
DG528DN VISHAY-DG528DN Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results

Similar Description - DG528DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com