Electronic Components Datasheet Search |
|
DG509BEJ-E3 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
DG509BEJ-E3 Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 18 page www.vishay.com 4 Document Number: 64821 S10-2817-Rev. D, 20-Dec-10 Vishay Siliconix DG508B, DG509B SPECIFICATIONS Parameter Symbol Test Conditions Unless Otherwise Specified V+ = 15 V, V- = - 15 V (± 10 %) VAX, VEN = 2.0 V, 0.8 V a Temp.b Typ.c - 40 °C to 125 °C - 40 °C to 85 °C Unit Min.d Max.d Min.d Max.d Dynamic Characteristics Transition Time tTRANS VS1 = + 10 V/- 10 V, VS8 = - 10 V/+ 10 V, RL = 1 M, CL = 35 pF Room 145 300 300 ns Full 400 400 Break-Before-Make Interval tOPEN VS1 = VS8 = 5.0 V, CL = 35 pF, RL = 1 k Room 37 15 15 Full 1 1 Enable Turn-On Time tON(EN) VS1 = 5 V, VS2 to VS8 = 0 V, RL = 1 k, CL = 35 pF Room 100 250 250 Full 340 340 Enable Turn-Off Time tOFF(EN) Room 90 240 240 Full 300 300 Charge Injectione QINJ CL = 1 nF, RGEN = 0 , VGEN = 0 V Full 2 pC Off Isolatione OIRR CL = 5 pF, RL = 50 f = 1 MHz Room - 81 dB Crosstalke XTALK Room - 88 - 3 dB Bandwidthe BW RL = 50 Room 250 MHz Total Harmonic Distortione THD RL = 10 k, 5 Vrms f = 20 Hz to 20 kHz Room 0.04 % Source Off Capacitancee CS(off) f = 1 MHz Room 3 pF Drain Off Capacitancee CD(off) DG508B Room 13 DG509B Room 8 Drain On Capacitancee CD(on) DG508B Room 18 DG509B Room 11 Power Supply Positive Supply Current I+ VAX, VEN = 0 V or V+ Room 0.01 0.5 0.5 mA Full 0.6 0.6 Negative Supply Current I- Full - 200 - 200 µA SPECIFICATIONS (Single Supply 12 V) Parameter Symbol Test Conditions Unless Otherwise Specified V+ = 12 V, V- = 0 V (± 10 %) VAX, VEN = 2.0 V, 0.8 V a Temp.b Typ.c - 40 °C to 125 °C - 40 °C to 85 °C Unit Min.d Max.d Min.d Max.d Analog Switch Analog Signal Rangee VANALOG Full 0120 12 V On-Resistance RDS(on) VD = 10 V/0 V, IS = 1 mA Room 265 500 500 Full 650 600 RDS(on) Matching R DS(on) Room 10 Switch Off Leakage Current IS(off) V+ = 12 V, V- = 0 V VD = 0 V/10 V, VS = 10 V/0 V Room - 1 1 - 1 1 nA Full - 50 - 50 - 50 50 ID(off) DG508B Room - 1 1 - 1 1 Full - 100 100 - 100 100 ID(off) DG509B Room - 1 1 - 1 1 Full - 50 50 - 50 50 |
Similar Part No. - DG509BEJ-E3 |
|
Similar Description - DG509BEJ-E3 |