Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC88F40F0PAU Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC88F40F0PAU
Description  For Car Audio Systems 16-bit ETR Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F40F0PAU Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC88F40F0PAU Datasheet HTML 6Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 7Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 8Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 9Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 10Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 11Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 12Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 13Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LC88F40H0PA/H0PAU/F0PA/F0PAU/D0PA/D0PAU
No.A1853-10/32
Pin Description
Name
I/O
Description
VDDCPU
-
+ Power sources 3.3V power supply (3.0 to 3.6V)
VDDPORT1
-
+ Power sources I/O power supply (VDDCPU to 5.5V)
VDDPORT2
-
+ Power sources I/O power supply (VDDCPU to 5.5V)
VDDPLL
-
+ Power sources PLLVCO power supply (3.0 to 3.6V)
VSS1
-
- Power sources
VSS2
-
- Power sources
VSS3
-
- Power sources
VSS4
-
- Power sources
Port 0
P00 to P07
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Port 0 interrupt input (P00 to P05)
• HOLD release input (P00 to P05)
• Pin functions
P06: Timer 0L output
P07: Timer 0H output
Supply voltage from
VDDPORT1 used
(VDDCPU to 5.5V)
Port 1
P10 to P17
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
P10: SIO0 data output
P11: SIO0 data input/output
P12: SIO0 clock input/output
P14: Timer 3L output
P15: Timer 3H output
P16: UART2 receive
P17: UART2 transmit
Supply voltage from
VDDPORT2 used
(VDDCPU to 5.5V)
Port 2
P20 to P27
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
P20: INT4 input/HOLD release input/timer 3 event input/timer 2L capture input/
timer 2H capture input
P21: INT5 input/HOLD release input/timer 3 event input/timer 2L capture input/
timer 2H capture input
P22: SMIIC0 clock input/output
P23: SMIIC0 data bus input/output
P24: SMIIC0 data (used in 3-wire SIO mode)
P25: Timer 4 output
P26: Timer 5 output
P27: Remote control receive
• Interrupt acknowledge type
INT4, INT5: H level, L level, H edge, L edge, both edges
Supply voltage from
VDDPORT1 used
(VDDCPU to 5.5V)
Port 3
P30 to P37
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
P30: INT0 input/HOLD release input/timer 2L capture input
P31: INT1 input/HOLD release input/timer 2H capture input
P32: INT2 input/HOLD release input/timer 2 event input/timer 2L capture input
P33: INT3 input/HOLD release input/timer 2 event input/timer 2H capture input
P34: UART3 receive
P35: UART3 transmit
P36: Timer 6 output
P37: Timer 7 output
• Interrupt acknowledge type
INT0 to INT3: H level, L level, H edge, L edge, both edges
Supply voltage from
VDDPORT2 used
(VDDCPU to 5.5V)
Continued on next page.


Similar Part No. - LC88F40F0PAU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Sanyo Semicon Device
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Sanyo Semicon Device
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results

Similar Description - LC88F40F0PAU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com