Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG540 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG540
Description  Wideband/Video "T" Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG540 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG540_11 Datasheet HTML 3Page - Vishay Siliconix DG540_11 Datasheet HTML 4Page - Vishay Siliconix DG540_11 Datasheet HTML 5Page - Vishay Siliconix DG540_11 Datasheet HTML 6Page - Vishay Siliconix DG540_11 Datasheet HTML 7Page - Vishay Siliconix DG540_11 Datasheet HTML 8Page - Vishay Siliconix DG540_11 Datasheet HTML 9Page - Vishay Siliconix DG540_11 Datasheet HTML 10Page - Vishay Siliconix DG540_11 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Document Number: 70055
S11-1429–Rev. H, 18-Jul-11
www.vishay.com
7
Vishay Siliconix
DG540, DG541, DG542
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Figure 2. Switching Time
RL
RL + rDS(on)
VO = VS
CL (includes fixture and stray capacitance)
V-
V+
IN
S
CL
35 pF
D
3 V
RL
1 k
Ω
VO
- 3 V
GND
+ 15 V
3 V
0
90 %
50 %
tOFF
tON
VS
tr < 20 ns
tf < 20 ns
Logic
Input
Switch
Input
Switch
Output
Figure 3. Charge Injection
ON
ON
OFF
VO
ΔVO
INX
ΔVO = measured voltage error due to charge injection
The charge injection in coulombs is
ΔQ = CL x DVO
CL
1000 pF
3 V
Vg
VO
- 3 V
D
GND
V+
Rg
S
IN
V-
+ 15 V
Figure 4. Off Isolation
S
IN
RL
75
Ω
D
Rg = 75 Ω
VS
VO
0 V, 2.4 V
Off Isolation = 20 log
VS
VO
V+
- 3 V
GND
V-
C
C
+ 15 V
C = RF Bypass
Figure 5. Bandwidth
C
+ 15 V
S
RL
50
Ω
D
Rg = 50 Ω
VS
VO
- 3 V
GND
V+
V-
C
IN
0 V, 2.4 V


Similar Part No. - DG540_11

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG540AP TEMIC-DG540AP Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG540AP VISHAY-DG540AP Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
logo
TEMIC Semiconductors
DG540AP/883 TEMIC-DG540AP/883 Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG540AP/883 VISHAY-DG540AP/883 Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
logo
TEMIC Semiconductors
DG540DJ TEMIC-DG540DJ Datasheet
154Kb / 10P
   Wideband/Video T Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com