Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG541 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG541
Description  Wideband/Video "T" Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG541 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG541 Datasheet HTML 1Page - Vishay Siliconix DG541 Datasheet HTML 2Page - Vishay Siliconix DG541 Datasheet HTML 3Page - Vishay Siliconix DG541 Datasheet HTML 4Page - Vishay Siliconix DG541 Datasheet HTML 5Page - Vishay Siliconix DG541 Datasheet HTML 6Page - Vishay Siliconix DG541 Datasheet HTML 7Page - Vishay Siliconix DG541 Datasheet HTML 8Page - Vishay Siliconix DG541 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Vishay Siliconix
DG540, DG541, DG542
Document Number: 70055
S11-1429–Rev. H, 18-Jul-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wideband/Video “T” Switches
DESCRIPTION
The
DG540,
DG541,
DG542
are
high
performance
monolithic wideband/video switches designed for switching
RF, video and digital signals. By utilizing a "T" switch
configuration on each channel, these devices achieve
exceptionally low crosstalk and high off-isolation. The
crosstalk and off-isolation of the DG540 are further improved
by the introduction of extra GND pins between signal pins.
To achieve TTL compatibility, low channel capacitances and
fast switching times, the DG540 family is built on the Vishay
Siliconix
proprietary
D/CMOS
process.
Each
switch
conducts equally well in both directions when on.
FEATURES
Halogen-free according to IEC 61249-2-21
Definition
Wide Bandwidth: 500 MHZ
Low Crosstalk: - 85 dB
High Off-Isolation: - 80 dB at 5 MHz
"T" Switch Configuration
TTL and CMOS Logic Compatible
Fast Switching - tON: 45 ns
•Low RDS(on): 30 
Compliant to RoHS Directive 2002/95/EC
BENEFITS
Flat Frequency Response
High Color Fidelity
Low Insertion Loss
Improved System Performance
Reduced Board Space
Reduced Power Consumption
Improved Data Throughput
APPLICATIONS
RF and Video Switching
RGB Switching
Local and Wide Area Networks
Video Routing
Fast Data Acquisition
•ATE
Radar/FLR Systems
Video Multiplexing
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic “0”
0.8 V
Logic “1”
2 V
TRUTH TABLE
Logic
Switch
0
OFF
1ON
PLCC
14
15
16
17
18
8
7
6
5
4
1
2
319
20
11
10
913
12
Top View
S1
GND
V-
S2
GND
V+
S4
GND
GND
S3
V-
GND
D4
S3
Dual-In-Line
D3
GND
GND
GND
S4
GND
S2
V+
GND
IN1
IN3
IN2
S1
IN4
D1
D2
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
Top View
91 2
10
11
DG540
DG540


Similar Part No. - DG541

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG541 TEMIC-DG541 Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG541 VISHAY-DG541 Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
DG541 VISHAY-DG541 Datasheet
253Kb / 18P
   Wideband/Video ?쏷??Switches
08-Feb-17
logo
TEMIC Semiconductors
DG541AP TEMIC-DG541AP Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG541AP VISHAY-DG541AP Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com