Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG611DJ Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG611DJ
Description  High-Speed, Low-Glitch D/CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG611DJ Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG611DJ Datasheet HTML 2Page - Vishay Siliconix DG611DJ Datasheet HTML 3Page - Vishay Siliconix DG611DJ Datasheet HTML 4Page - Vishay Siliconix DG611DJ Datasheet HTML 5Page - Vishay Siliconix DG611DJ Datasheet HTML 6Page - Vishay Siliconix DG611DJ Datasheet HTML 7Page - Vishay Siliconix DG611DJ Datasheet HTML 8Page - Vishay Siliconix DG611DJ Datasheet HTML 9Page - Vishay Siliconix DG611DJ Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.vishay.com
6
Document Number: 70057
S11-0154-Rev. I, 31-Jan-11
Vishay Siliconix
DG611, DG612, DG613
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Input Switching Threshold vs. VL
RDS(on) vs. VD and Temperature
Leakage Currents vs. Temperature
0
5
10
15
6
5
4
3
2
1
0
VL - Logic Supply Voltage (V)
V+ = 15 V
V- = - 3 V
- 4
- 2
02468
10
12
400
350
300
250
200
150
100
50
0
VD - Drain Voltage (V)
25 °C
V+ = 15 V
V- = - 3 V
IS = - 1 mA
125 °C
- 55 °C
- 55
0
125
Temperature (°C)
- 25
25
50
75
100
10 nA
0.1 pA
100 pA
10 pA
1 pA
IS(off), ID(off)
ID(on)
1 nA
Switching Times vs. Temperature
Charge Injection vs. Analog Voltage
- 3 dB Bandwidth/Insertion Loss vs. Frequency
16
14
12
10
8
6
4
2
0
24
22
20
18
- 55
- 35
- 15
5
25
45
65
85
105
125
V+ = 15 V
V- = - 3 V
RL = 300 
CL = 10 pF
tON
tOFF
Temperature (°C)
VANALOG - Analog Voltage (V)
20
10
0
- 10
- 20
- 3 - 2 - 1
0123
456
789
10
Qd
Qs
V+ = 15 V
V- = - 3 V
1
10
100
1000
- 24
- 20
- 16
- 12
- 8
- 4
0
f - Frequency (MHz)
RL = 50
- 3 dB Point


Similar Part No. - DG611DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611DJ VISHAY-DG611DJ Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611DJ VISHAY-DG611DJ Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG611DJ VISHAY-DG611DJ Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG611DJ-E3 VISHAY-DG611DJ-E3 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG611DJ-E3 VISHAY-DG611DJ-E3 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG611DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com