Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG636EQ-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG636EQ-T1-E3
Description  0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG636EQ-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG636EQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG636EQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG636EQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG636EQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG636EQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG636EQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG636EQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG636EQ-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG636EQ-T1-E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.vishay.com
8
Document Number: 69901
S10-1815-Rev. D, 02-Aug-10
Vishay Siliconix
DG636
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage Current vs. Temperature
Insertion Loss, Off-Isolation, Crosstalk
vs. Frequency
Total Harmonic Distortion vs. Frequency
Temperature (°C)
1
10
100
1000
10 000
100 000
- 60 - 40 - 20
0
20
40
60
80
100
120
140
ID(off)
ID(on)
IS(off)
V+ = + 5.0 V
V- = - 5.0 V
Frequency (Hz)
100K
1M
10M
100M
1G
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
OIRR
LOSS
XTALK
V+ = ± 5.0 V
RL = 50 
Frequency (Hz)
0.001
0.01
0.1
1
10
100
10
100
1000
10 000
100 000
RL = 600 
VSignal = 1 VRMS
V+ = 3.0 V
V+ = 5.0 V
V± = ± 5.0 V
Leakage Current vs. Temperature
Charge Injection vs. Analog Voltage
Switching Threshold vs. Supply Voltage
Temperature (°C)
1
10
100
1000
10 000
- 60 - 40 - 20
0
20
40
60
80
100
120
140
V+ = 13.2 V
V- = 0 V
ID(off)
ID(on)
IS(off)
VS - Analog Voltage (V)
- 1.2
- 1
- 0.8
- 0.6
- 0.4
- 0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
- 6 - 5 - 4 - 3 - 2 - 1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
V+ = + 5.0 V
V- = - 5.0 V
V+ = + 5.0 V
V- = 0 V
V+ = + 3.0 V
V- = 0 V
V+ = + 13.2 V
V- = 0 V
V+ = + 12 V
V- = 0 V
V+ - Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
02
46
8
10
12
14


Similar Part No. - DG636EQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG636EQ-T1-E3 VISHAY-DG636EQ-T1-E3 Datasheet
190Kb / 10P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
Rev. B, 04-Feb-08
DG636EQ-T1-E3 VISHAY-DG636EQ-T1-E3 Datasheet
240Kb / 15P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG636EQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG636 VISHAY-DG636_V01 Datasheet
240Kb / 15P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
01-Jan-2022
DG636 VISHAY-DG636 Datasheet
190Kb / 10P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
Rev. B, 04-Feb-08
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com