Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG541DY-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG541DY-T1-E3
Description  Wideband/Video "T" Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG541DY-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG541DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG541DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG541DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG541DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG541DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG541DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG541DY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG541DY-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG541DY-T1-E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.vishay.com
8
Document Number: 70055
S11-1429–Rev. H, 18-Jul-11
Vishay Siliconix
DG540, DG541, DG542
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
APPLICATIONS
Device Description
The DG540, DG541, DG542 family of wideband switches
offers true bidirectional switching of high frequency analog or
digital signals with minimum signal crosstalk, low insertion
loss, and negligible non-linearity distortion and group delay.
Built on the Siliconix D/CMOS process, these "T" switches
provide excellent off-isolation with a bandwidth of around
500 MHz (350 MHz for DG541). Silicon-gate D/CMOS
processing also yields fast switching speeds.
An on-chip regulator circuit maintains TTL input compatibility
over the whole operating supply voltage range, easing
control logic interfacing.
Circuit layout is facilitated by the interchangeability of source
and drain terminals.
Frequency Response
A single switch on-channel exhibits both resistance (RDS(on))
and capacitance (CS(on)). This RC combination has an
attenuation effect on the analog signal – which is frequency
dependent (like an RC low-pass filter). The - 3-dB bandwidth
of the DG540 is typically 500 MHz (into 50
). This measured
figure of 500 MHz illustrates that the switch channel can not
be represented by a two stage RC combination. The on
capacitance of the channel is distributed along the on-
resistance, and hence becomes a more complex multi stage
network of R’s and C’s making up the total RDS(on) and
CS(on). See Application Note AN502 for more details.
Off-Isolation and Crosstalk
Off-isolation and crosstalk are affected by the load
resistance and parasitic inter-electrode capacitances. Higher
off-isolation is achieved with lower values of RL. However,
low values of RL increase insertion loss requiring gain
adjustments down the line. Stray capacitances, even a
fraction of 1 pF, can cause a large crosstalk increase. Good
layout and ground shielding techniques can considerably
improve your ac circuit performance.
Figure 6. All Hostile Crosstalk
S2
S3
S4
X
TA LK(AH)
=
20 log
10
V
OUT
V
IN
VO
10
Ω
RL
75
Ω
INX
S1
V+
V-
+ 15 V
- 15 V
C
C
GND
2.4 V
D2
D3
D1
D4
RL
RL
RL


Similar Part No. - DG541DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG541DY TEMIC-DG541DY Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG541DY VISHAY-DG541DY Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com