Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC88F52H0A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC88F52H0A
Description  FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F52H0A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC88F52H0A Datasheet HTML 1Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 2Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 3Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 4Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 5Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 6Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 7Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 8Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LC88F52H0A
No.A1228-4/38
• UART4
1) Data length
: 8 bits (LSB first)
2) Start bits
: 1 bit
3) Stop bits
: 1/2 bit
4) Parity bits
: None/even parity/odd parity
5) Transfer rate
: 8 to 4096 cycle
6) Baudrate source clock: System clock/OSC0/OSC1/P37 input signal
7) Wakeup function
8) Full duplex communication
Note: The “cycle” refers to one period of the baudrate clock source.
AD converter
1) 12/8 bits resolution selectable
2) Analog input: 16 channels
3) Comparator mode
4) Automatic reference voltage generation
DA converter
1) 8 bits resolution
2) 2 converters built-in
3) Able to choose output pins
PWM
• PWM0: Multifrequency 12-bit PWM × 2 channels (PWM00 and PWM01)
1) 2-channel pairs controlled independently of one another
2) Clock source selectable from system clock or OSC1
3) 8-bit prescaler: TPWMR0=(prescaler value + 1)
× clock period
4) 8-bit fundamental wave PWM generator circuit + 4-bit additional pulse generator circuit
5) Fundamental wave PWM mode
Fundamental wave period: 16 TPWMR0 to 256 TPWMR0
High pulse width
: 0 to (Fundamental wave period - TPWMR0)
6) Fundamental wave + additional pulse mode
Fundamental wave period: 16 TPWMR0 to 256 TPWMR0
Overall period
: Fundamental wave period
× 16
High pulse width
: 0 to (Fundamental wave period - TPWMR0)
• PWM1: Multifrequency 12-bit PWM × 2 channels (PWM10 and PWM11)
1) 2-channel pairs controlled independently of one another
2) Clock source selectable from system clock or OSC1
3) 8-bit prescaler: TPWMR1=(prescaler value + 1)
× clock period
4) 8-bit fundamental wave PWM generator circuit + 4-bit additional pulse generator circuit
5) Fundamental wave PWM mode
Fundamental wave period: 16 TPWMR1 to 256 TPWMR1
High pulse width
: 0 to (Fundamental wave period - TPWMR1)
6) Fundamental wave + additional pulse mode
Fundamental wave period: 16 TPWMR1 to 256 TPWMR1
Overall period
: Fundamental wave period
× 16
High pulse width
: 0 to(Fundamental wave period - TPWMR1)
Watchdog timer
1) Driven by the base timer + internal watchdog timer dedicated counter
2) Interrupt or reset mode selectable


Similar Part No. - LC88F52H0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
More results

Similar Description - LC88F52H0A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com