Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG722 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG722
Description  1.8 V to 5.5 V, 4ohm Dual SPST Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG722 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG722 Datasheet HTML 2Page - Vishay Siliconix DG722 Datasheet HTML 3Page - Vishay Siliconix DG722 Datasheet HTML 4Page - Vishay Siliconix DG722 Datasheet HTML 5Page - Vishay Siliconix DG722 Datasheet HTML 6Page - Vishay Siliconix DG722 Datasheet HTML 7Page - Vishay Siliconix DG722 Datasheet HTML 8Page - Vishay Siliconix DG722 Datasheet HTML 9Page - Vishay Siliconix DG722 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Document Number: 67493
www.vishay.com
Revison: 07-Feb-11
1
Package Information
Vishay Siliconix
CASE OUTLINE FOR TDFN8 2 x 2
Note
1. All dimensions are in millimeters which will govern.
2. Max. package warpage is 0.05 mm.
3. Max. allowable burrs is 0.076 mm in all directions.
4. Pin #1 ID on top will be laser/ink marked.
5. Dimension applies to meatlized terminal and is measured
between 0.20 mm and 0.25 mm from terminal tip.
6. Applied only for terminals.
7. Applied for exposed pad and terminals.
Top View
Side View
Bottom View
K
K
L
D2
Pin 1 Indicator
(Optional)
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
D
A
A3
A1
7
6
0.05 C
Index Area
(D/2 x E/2)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
-
0.05
0.000
-
0.002
A3
0.152 REF
0.006 REF
b
0.18
0.23
0.28
0.007
0.009
0.011
D
1.95
2.00
2.05
0.077
0.079
0.081
D2
0.75
0.80
0.85
0.030
0.031
0.033
e
0.50 BSC
0.020 BSC
E
1.95
2.00
2.05
0.077
0.079
0.081
E2
1.40
1.45
1.50
0.055
0.057
0.059
K
-
0.20
-
-
0.008
-
L
0.30
0.35
0.40
0.012
0.014
0.016
ECN: C11-0033 Rev. A, 07-Feb-11
DWG: 5997


Similar Part No. - DG722

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG722 VISHAY-DG722 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
DG722DN-T1-GE4 VISHAY-DG722DN-T1-GE4 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
DG722DQ-T1-GE3 VISHAY-DG722DQ-T1-GE3 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
More results

Similar Description - DG722

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
logo
Analog Devices
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG801BRMZ AD-ADG801BRMZ Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
logo
Vishay Siliconix
DG2537 VISHAY-DG2537 Datasheet
156Kb / 9P
   4ohm Dual SPST Switches
Rev. A, 01-Aug-11
DG3537 VISHAY-DG3537_11 Datasheet
113Kb / 10P
   4ohm, 360 MHz, Dual SPST Analog Switches
Rev. D, 28-Feb-11
logo
Analog Devices
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com