Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG723DQ-T1-GE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG723DQ-T1-GE3
Description  1.8 V to 5.5 V, 4ohm Dual SPST Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG723DQ-T1-GE3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG723DQ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix DG723DQ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix DG723DQ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix DG723DQ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix DG723DQ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix DG723DQ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix DG723DQ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix DG723DQ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix DG723DQ-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 66586
S11-1474-Rev. E, 01-Aug-11
www.vishay.com
7
Vishay Siliconix
DG721, DG722, DG723
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see
www.vishay.com/ppg?66586.
Figure 2. Charge Injection
Off
On
On
IN
ΔVOUT
VOUT
Q =
ΔVOUT x CL
CL = 1 nF
COM
Rgen
VOUT
NC or NO
VIN = 0 - V+
IN
Vgen
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+
Figure 3. Off-Isolation
IN
GND
NC or NO
0 V, 2.4 V
10 nF
COM
Off Isolation = 20 log
V
COM
V
NO/ NC
RL
Analyzer
V+
V+
Figure 4. Channel Off/On Capacitance
NC or NO
f = 1 MHz
IN
COM
GND
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
10 nF
V+
V+
Figure 5. Channel to Channel Crosstalk
RL
10 nF
COM 2
RL
NO 2
COM 1
NC 1
Analyzer
VIN 1
VIN 2
GND
V+
V+


Similar Part No. - DG723DQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG723DQ-T1-GE3 VISHAY-DG723DQ-T1-GE3 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
More results

Similar Description - DG723DQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
logo
Analog Devices
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG801BRMZ AD-ADG801BRMZ Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
logo
Vishay Siliconix
DG2537 VISHAY-DG2537 Datasheet
156Kb / 9P
   4ohm Dual SPST Switches
Rev. A, 01-Aug-11
DG3537 VISHAY-DG3537_11 Datasheet
113Kb / 10P
   4ohm, 360 MHz, Dual SPST Analog Switches
Rev. D, 28-Feb-11
logo
Analog Devices
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com