Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC875J72B Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC875J72B
Description  ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875J72B Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC875J72B Datasheet HTML 1Page - Sanyo Semicon Device LC875J72B Datasheet HTML 2Page - Sanyo Semicon Device LC875J72B Datasheet HTML 3Page - Sanyo Semicon Device LC875J72B Datasheet HTML 4Page - Sanyo Semicon Device LC875J72B Datasheet HTML 5Page - Sanyo Semicon Device LC875J72B Datasheet HTML 6Page - Sanyo Semicon Device LC875J72B Datasheet HTML 7Page - Sanyo Semicon Device LC875J72B Datasheet HTML 8Page - Sanyo Semicon Device LC875J72B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
20707HKIM 20060222-S00016 No.0382-1/23
Ver.1.02
LC875J96B
LC875J80B
LC875J72B
Overview
The SANYO LC875J96B/80B/72B are 8-bit microcomputer that, centered around a CPU running at a minimum bus
cycle time of 83.3ns, integrates on a single chip a number of hardware features such as 96K/80K/72K byte ROM, 4096
byte RAM, sophisticated 16-bit timers/counters (may be divided into 8-bit timers), a 16-bit timer/counter (may be
divided into 8-bit timers/counters or 8-bit PWMs), four 8-bit timers with a prescaler, a 16-bit timer with a prescaler (may
be divided into 8-bit timers), a base timer serving as a time-of-day clock, a high-speed clock counter, a synchronous SIO
interface (with automatic block transmission/reception capabilities), an asynchronous/synchronous SIO interface, a
UART interface (full duplex), an 8-bit 11-channel AD converter, two 12-bit PWM channels, a system clock frequency
divider, ROM correction function, and a 26-source 10-vector interrupt feature.
Features
ROM
• 98304 × 8-bits
(LC875J96B)
• 81920 × 8-bits
(LC875J80B)
• 73728 × 8-bits
(LC875J72B)
RAM
• 4096 × 9-bits
(LC875J96B/80B/72B)
Minimum Bus Cycle
• 83.3ns (12MHz)
VDD=3.0 to 5.5V
• 125ns (8MHz)
VDD=2.5 to 5.5V
• 500ns (2MHz)
VDD=2.2 to 5.5V
Note: The bus cycle time here refers to the ROM read speed.
Ordering number : ENA0382
CMOS IC
ROM 96K/80K/72K byte, RAM 4096 byte on-chip
8-bit 1-chip Microcontroller
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LC875J72B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875J48C SANYO-LC875J48C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J56C SANYO-LC875J56C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - LC875J72B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5R96B SANYO-LC87F5R96B Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com