Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC877C64C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC877C64C
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877C64C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC877C64C Datasheet HTML 1Page - Sanyo Semicon Device LC877C64C Datasheet HTML 2Page - Sanyo Semicon Device LC877C64C Datasheet HTML 3Page - Sanyo Semicon Device LC877C64C Datasheet HTML 4Page - Sanyo Semicon Device LC877C64C Datasheet HTML 5Page - Sanyo Semicon Device LC877C64C Datasheet HTML 6Page - Sanyo Semicon Device LC877C64C Datasheet HTML 7Page - Sanyo Semicon Device LC877C64C Datasheet HTML 8Page - Sanyo Semicon Device LC877C64C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LC877C64C/56C/48C/40C/32C/24C
No.A0135-4/21
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits
• On-chip RC oscillation for system clock use.
• CF oscillation for system clock use. (Rf built in, Rd external)
• Crystal oscillation low speed system clock use. (Rf built in, Rd external)
• On-chip frequency variable RC oscillation circuit for system clock use.
System Clock Divider
• Low power consumption operation is available
• Minimum instruction cycle time (300ns, 600ns, 1.2µs, 2.4µs, 4.8µs, 9.6µs, 19.2µs, 38.4µs, 76.8µs can be switched
by program (when using 10MHz main clock)
Standby Function
• HALT mode
HALT mode is used to reduce power consumption. During the HALT mode, program execution is stopped but
peripheral circuits keep operating (some parts of serial transfer operation stop).
1) Oscillation circuits are not stopped automatically.
2) Released by the system reset or interrupts.
• HOLD mode
HOLD mode is used to reduce power consumption. Program execution and peripheral circuits are stopped.
1) CF, RC, X’tal and multi-frequency RC oscillation circuits stop automatically.
2) Released by any of the following conditions.
(1) Low level input to the reset pin
(2) Specified level input to one of INT0, INT1, INT2
(3) Port 0 interrupt
• X’tal HOLD made
X’tal HOLD mode is used to reduce power consumption. Program execution is stopped.
All peripheral circuits except the base timer are stopped.
1) CF, RC and multi-frequency RC oscillation circuits stop automatically.
2) Crystal oscillator operation is kept in its state at HOLD mode inception.
3) Released by any of the following conditions
(1) Low level input to the reset pin
(2) Specified level input to one of INT0, INT1, INT2
(3) Port 0 interrupt
(4) Base-timer interrupt
Package Form
• QFP80 (14 × 14):
Lead-free type
• TQFP80J (12 × 12):
Lead-free type
Development Tools
• Evaluation chip:
LC87EV690
• Emulator:
EVA62S + ECB876600D + SUB877100 + POD80QFP(14
× 14) or POD80SQFP
ICE-B877300 + SUB877100 + POD80QFP(14
× 14) or POD80SQFP
• Flash ROM Version: LC87F7CC8A


Similar Part No. - LC877C64C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877248A SANYO-LC877248A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877256A SANYO-LC877256A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
More results

Similar Description - LC877C64C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com