Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2041 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2041
Description  Low-Voltage, Low RON Quad SPST Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2041 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2041 Datasheet HTML 1Page - Vishay Siliconix DG2041 Datasheet HTML 2Page - Vishay Siliconix DG2041 Datasheet HTML 3Page - Vishay Siliconix DG2041 Datasheet HTML 4Page - Vishay Siliconix DG2041 Datasheet HTML 5Page - Vishay Siliconix DG2041 Datasheet HTML 6Page - Vishay Siliconix DG2041 Datasheet HTML 7Page - Vishay Siliconix DG2041 Datasheet HTML 8Page - Vishay Siliconix DG2041 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 72091
S11-1185-Rev. B, 13-Jun-11
Vishay Siliconix
DG2041, DG2042, DG2043
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 2 V, VIN = 0.4 V or 1.6 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Digital Control
Input High Voltage
VINH
Full
1.6
V
Input Low Voltage
VINL
Full
0.4
Input Capacitanced
Cin
Full
4
pF
Input Current
IINL or IINH
VIN = 0 V or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 1.5 V, RL = 300 , CL = 35 pF
fig. 1 and 2
Room
Fulld
30
81
82
ns
Turn-Off Time
tOFF
Room
Fulld
22
41
42
Break-Before-Make Time
Delay
tD
VNO or VNC = 1.5 V, RL = 300 , CL = 35 pF
(DG2043 Only)
Room
5
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 , fig. 2
Room
1
pC
Off-Isolationd
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
- 63
dB
Crosstalkd
XTALK
Room
- 95
NO, NC Off Capacitanced
CNO(off)
CNC(off)
VIN = 0 V or V+, f = 1 MHz
Room
24
pF
Channel-On Capacitanced
CON
Room
48
Power Supply
Power Supply Currentd
I+
VIN = 0 V or V+
0.001
1
µA
SPECIFICATIONS (V+ = 2 V)
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %
, VIN = 0.4 V or 2 V
e
Temp.a
Limits
- 40 to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC
VCOM
Full
0
V+
V
On-Resistance
RON
V+ = 2.7 V, VCOM = 0.7 V/1.5 V, INO,
INC = 10 mA
Room
Full
1.6
2.1
2.2
RON Flatness
d
RON
Flatness
V+ = 2.7 V, VCOM = 0 V to V+, INO, INC = 10 mA
Room
0.7
RON Match Between Channels
RON
Room
0.3
Switch Off Leakage Currentf
INO(off)
INC(off)
V+ = 3.3 V
VNO, VNC = 0.3 V/3 V, VCOM = 3 V/0.3 V
Room
Full
- 1
- 10
1
10
nA
ICOM(off)
Room
Full
- 1
- 10
1
10
Channel-On Leakage Currentf
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3 V
Room
Full
- 1
- 10
1
10
Digital Control
Input High Voltaged
VINH
Full
1.6
V
Input Low Voltage
VINL
Full
0.4
Input Capacitanced
Cin
Full
4
pF
Input Current
IINL or IINH
VIN = 0 V or V+
Full
- 1
1
µA


Similar Part No. - DG2041

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
DG2041DN VISHAY-DG2041DN Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041DQ VISHAY-DG2041DQ Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG2041

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com