Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2513 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2513
Description  Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2513 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2513 Datasheet HTML 1Page - Vishay Siliconix DG2513 Datasheet HTML 2Page - Vishay Siliconix DG2513 Datasheet HTML 3Page - Vishay Siliconix DG2513 Datasheet HTML 4Page - Vishay Siliconix DG2513 Datasheet HTML 5Page - Vishay Siliconix DG2513 Datasheet HTML 6Page - Vishay Siliconix DG2513 Datasheet HTML 7Page - Vishay Siliconix DG2513 Datasheet HTML 8Page - Vishay Siliconix DG2513 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 74454
S11-0984–Rev. C, 23-May-11
www.vishay.com
5
Vishay Siliconix
DG2511, DG2512, DG2513
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage vs. Analog Voltage
Switching Time vs. Temperature and Supply Voltage
Insertion Loss, Off-Isolation, Crosstalk vs.
Frequency
VCOM - Analog Voltage (V)
- 500
- 400
- 300
- 200
- 100
0
100
200
300
400
500
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V+ = 5.5 V
ICOM(off)
ICOM(on)
INO(off) /INC(off)
Temperature (°C)
0
5
10
15
20
25
- 60
- 40
- 20
0
20
40
60
80
100
tON V+ = 2.7 V
tON V+ = 4.5 V
tOFF V+ = 2.7 V
tOFF V+ = 4.5 V
100 K
1 M
Frequency (Hz)
10 M
100 M
1 G
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
V+ = 3.0 V
RL = 50
OIRR
XTALK
LOSS
Switching Threshold vs. Supply Voltage
Charge Injection vs. Analog Voltage
V+ - Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
123
456
VNO/NC - Analog Voltage (V)
- 60
- 50
- 40
- 30
- 20
- 10
0
10
20
0.0
1.0
2.0
3.0
4.0
5.0
V+ = 2.0 V
V+ = 3.0 V
V+ = 5.0 V


Similar Part No. - DG2513

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2513 VISHAY-DG2513 Datasheet
127Kb / 8P
   Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
Rev. B, 26-Feb-07
DG2513 VISHAY-DG2513 Datasheet
178Kb / 10P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
01-Jan-2022
DG2513DN-T1-E4 VISHAY-DG2513DN-T1-E4 Datasheet
127Kb / 8P
   Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
Rev. B, 26-Feb-07
DG2513DN-T1-E4 VISHAY-DG2513DN-T1-E4 Datasheet
178Kb / 10P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
01-Jan-2022
More results

Similar Description - DG2513

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2511 VISHAY-DG2511 Datasheet
127Kb / 8P
   Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
Rev. B, 26-Feb-07
DG2511 VISHAY-DG2511_V01 Datasheet
178Kb / 10P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
01-Jan-2022
DG2011 VISHAY-DG2011 Datasheet
81Kb / 7P
   Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
Rev. E, 21-Mar-05
DG2011 VISHAY-DG2011_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
Rev. F, 16-Jan-06
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com