Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC01707PLF Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC01707PLF
Description  FM multiple tuner IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC01707PLF Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC01707PLF Datasheet HTML 5Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 6Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 7Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 8Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 9Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 10Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 11Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 12Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LC01707PLF
No.A1928-9/18
Communication specification
Communication specifications are indicated as below:
Serial Interface (I
2C-bus);
Sending and receiving data through I
2C-bus that consists of two bus lines of a serial data line (SDA) and a serial clock
line (SCL). This bus enables 8-bit bi-directional serial data to transmit at the maximum speed of 400kbits (fast mode).
This is not compatible with Hs mode.
Terms used in I
2C
The following terms are used in I
2C
Terms
Description
Transmitter
Device to send data to the bus
Receiver
Device to receive from the bus
Master
Device to start data transmission, generate signal, and terminate data transmission
Slave
Device of which address is designated master
[Start] and [Stop] conditions
[Start] condition is required at the start of data communication and [Stop] condition at the end of data communication.
The condition in which the SDA line changes from [H] to [L] with SCL at [H] is called the [Start] condition. The
condition in which the SDA line changes from [L] to [H] with SCL at [H] is called the [Start] condition.
Data transmission
The length of each byte which is output to SDA line is always 8 bits. An acknowledge bit is needed after each byte.
Data is transmitted sequentially from the most significant bit (MSB).
During the data transfer, the slave address is transmitted after the [Start] condition (S).
Data transfer is always ended by the [Stop] condition (P) generated by the master.
D7
D6
D1
D0
P
Sr
1
2
7
Sr
or
P
S
or
Sr
8
9
12
3-8
9
SDA
SCL
ACK:acknowledgement
MSB
START or repeated
START condition
ACK signal from slave
Byte complate,
interrupt within slave
Clock line held low while
interrrupts are serviced
Clock pulse for ACK
Clock pulse for ACK
ACK signal from receiver
STOP or repeated
START condition
SDA
SCL
S
P
SDA
SCL
START condition
STOP condition


Similar Part No. - LC01707PLF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC01707PLF ONSEMI-LC01707PLF Datasheet
207Kb / 18P
   FM multiple tuner IC
May, 2013
More results

Similar Description - LC01707PLF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC01707PLF ONSEMI-LC01707PLF Datasheet
207Kb / 18P
   FM multiple tuner IC
May, 2013
logo
Toshiba Semiconductor
TA8167N TOSHIBA-TA8167N Datasheet
468Kb / 14P
   3V AM/FM 1CHP TUNER IC
TA8127N TOSHIBA-TA8127N Datasheet
499Kb / 16P
   3V AM/FM 1CHIP TUNER IC
TA8122AN TOSHIBA-TA8122AN Datasheet
524Kb / 17P
   3V AV/FM 1CHIP TUNER IC
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
logo
List of Unclassifed Man...
RTC6218 ETC1-RTC6218 Datasheet
420Kb / 20P
   FM Tuner
logo
Sanyo Semicon Device
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
logo
Wuxi Youda electronics ...
YD2111 YOUDA-YD2111 Datasheet
100Kb / 5P
   3V AM/FM ONE CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com