Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2L20U Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S2L20U
Description  Super Fast Recovery Rectifiers(200V 1.5A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S2L20U Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S2L20U Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S2L20U Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S2L20U Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S2L20U Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S2L20U Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S2L20U Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S2L20U
200V 1.5A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
SHINDENGEN
Low noise
trr35ns
Applicable to Automatic Insertion
Switching power supply
Free Wheel
Home Appliances, Office Equipment
Telecommunication, Factory Automation
APPLICATION
FEATURES
Case : AX10
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
VRM
200
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Ta=25℃
1.5
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
50
A
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=1.5A,
Pulse measurement
Max.0.98
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.10
μA
Reverse Recovery Time
trr
IF=0.5A,  I R=1A
Max.35
ns
Thermal Resistance
θjl
junction to lead
Max.12
℃/W
θja
junction to ambient
Max.83
Super Fast Recovery Rectifiers
Single


Similar Part No. - S2L20U

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S2L20U SHINDENGEN-S2L20U_17 Datasheet
355Kb / 4P
   Super Fast Recovery Diode
More results

Similar Description - S2L20U

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2FL20U SHINDENGEN-D2FL20U Datasheet
449Kb / 7P
   Super Fast Recovery Rectifiers(200V 1.5A)
D2L20U SHINDENGEN-D2L20U Datasheet
443Kb / 7P
   Super Fast Recovery Rectifiers(200V 1.5A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
   Super Fast Recovery Rectifiers(200V 5A)
D5LC20U SHINDENGEN-D5LC20U Datasheet
438Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
D8LC20U SHINDENGEN-D8LC20U Datasheet
443Kb / 7P
   Super Fast Recovery Rectifiers(200V 8A)
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
   Super Fast Recovery Rectifiers(200V 2.5A)
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
   Super Fast Recovery Rectifiers(200V 15A)
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
   Super Fast Recovery Rectifiers(200V 1A)
D20LC20U SHINDENGEN-D20LC20U Datasheet
379Kb / 6P
   Super Fast Recovery Rectifiers(200V 20A)
M1FL20U SHINDENGEN-M1FL20U Datasheet
438Kb / 7P
   Super Fast Recovery Rectifiers(200V 1.1A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com