Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2041DN-T1-E4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2041DN-T1-E4
Description  Low-Voltage, Low RON Quad SPST Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2041DN-T1-E4 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2041DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 72091
S11-1185-Rev. B, 13-Jun-11
www.vishay.com
3
Vishay Siliconix
DG2041, DG2042, DG2043
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 5.6 mW/°C above 70 °C
d. Derate 23.5 mW/°C above 70 °C
e. Manual soldering with soldering iron is not recommended for leadless components. The QFN is a leadless package. The end of the lead
terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper lip cannot
be guaranteed and is not required to ensure adequate bottom side solder interconnection.
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 °C to 85 °C
TSSOP-16
DG2041DQ-T1
DG2041DQ-T1-E3
DG2042DQ-T1
DG2042DQ-T1-E3
DG2043DQ-T1
DG2043DQ-T1-E3
QFN-16
(4 mm x 4 mm)
DG2041DN-T1-E4
DG2042DN-T1-E4
DG2043DN-T1-E4
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Limit
Unit
Reference V+ to GND
- 0.3 to + 6
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3)
Continuous Current (Any terminal)
± 50
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 200
Storage Temperature (D Suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
TSSOP-16c
450
mW
QFN-16 (4 mm x 4 mm)d
1880
SPECIFICATIONS (V+ = 2 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 2 V, VIN = 0.4 V or 1.6 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC
VCOM
Full
0
V+
V
On- Resistance
RON
V+ = 2 V, VCOM = 0.2 V/1.2 V, INO, INC = 10 mA
Room
Full
36.3
6.3
RON Flatness
d
RON
Flatness
V+ = 2 V, VCOM = 0 V to V+, INO, INC = 10 mA
Room
4.2
RON Match Between Channels
RON
Room
0.4
Switch Off Leakage Currentf
INO(off)
INC(off)
V+ = 2.2 V
VNO, VNC = 0.2 V/2 V, VCOM = 2 V/0.2 V
Room
Fulld
- 1
- 10
1
10
nA
ICOM(off)
Room
Fulld
- 1
- 10
1
10
Channel-On Leakage Currentf
ICOM(on)
V+ = 2.2 V, VNO, VNC = VCOM = 0.2 V/2 V
Room
Fulld
- 1
- 10
1
10


Similar Part No. - DG2041DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041DN VISHAY-DG2041DN Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
More results

Similar Description - DG2041DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com