Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC07410LG Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC07410LG
Description  Monaural CODEC Audio I/F Video Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07410LG Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC07410LG Datasheet HTML 2Page - Sanyo Semicon Device LC07410LG Datasheet HTML 3Page - Sanyo Semicon Device LC07410LG Datasheet HTML 4Page - Sanyo Semicon Device LC07410LG Datasheet HTML 5Page - Sanyo Semicon Device LC07410LG Datasheet HTML 6Page - Sanyo Semicon Device LC07410LG Datasheet HTML 7Page - Sanyo Semicon Device LC07410LG Datasheet HTML 8Page - Sanyo Semicon Device LC07410LG Datasheet HTML 9Page - Sanyo Semicon Device LC07410LG Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LC07410LG
No.A1345-6/36
Pin Assignment
NC
ADOUT
VDDIO
DVSS
SCK
NC
MCLKIN
LRCK
DVDD
TESTIN
SDA
CSB
MCLKO
DAIN
PDNB
VDREF
VDDR
BCLK
VSSR REGOUT
VCOFIL
VDDP
VSSV
VDOUT
VDDV
VDIN
ALCIN
MICPWR
VDDA
BEEP
VSSS
SPOUTP
MICOUT
MICINN
LOUT2
VDDS SPOUTN
NC
LOUT1
SPKIN
NC
MICINP
VREF
VSSA
AB
C
D
E
F
8
7
6
5
4
3
2
1
Top view
Block Diagram
VOL
MICINP
MICINN
MIC
AMP
MICPWR
MIC
Power
0/+20/+26dB
VDDA
VSSA
VREF
VREF
LOUT1
0/4/6/8dB
MUTE
0/6dB
LOUT2
SPKIN
BEEP
SPK
AMP
ADC
-14 to +34dB
DAC
ALC
CTL
Digital
filter
PLL
I/F
MCLKIN
MCLKO
BCLK
LRCK
ADOUT
DAIN
VDDIO
DVDD
DVSS
TESTIN
BEEP
GEN
LPF
+6/+12dB
REF
MODE
CTL
SDA
SCK
CSB
LDO
3.3V
3.0V
LINE
OUT
3.3V or
Li+ batt.
3.3V
Video out
VIDEO
DAC
1.8V or
3.3V
1.8V or
3.3V
3.3V
μP/
DSP


Similar Part No. - LC07410LG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
More results

Similar Description - LC07410LG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC0710LG SANYO-LC0710LG Datasheet
432Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
   USB I/F Audio CODEC
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
logo
YAMAHA CORPORATION
YMF753 YAMAHA-YMF753 Datasheet
185Kb / 26P
   AC97 Revision2.2 Audio CODEC with Digital Audio I/F
logo
Sanyo Semicon Device
LC07424LP SANYO-LC07424LP Datasheet
637Kb / 32P
   CMOS IC Audio CODEC with Video Driver
LC07422T SANYO-LC07422T Datasheet
105Kb / 10P
   CMOS IC Audio CODEC with Video Driver
logo
Rohm
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
logo
YAMAHA CORPORATION
YMF743 YAMAHA-YMF743 Datasheet
170Kb / 24P
   AC??7 Revsion2.1 Audio CODEC with Digital Audio I/F
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
116Kb / 2P
   Multichannel H.264 Audio/Video Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com