Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72133M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC72133M
Description  PLL Frequency Synthesizer for Electronic Tuning
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72133M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC72133M_11 Datasheet HTML 1Page - Sanyo Semicon Device LC72133M_11 Datasheet HTML 2Page - Sanyo Semicon Device LC72133M_11 Datasheet HTML 3Page - Sanyo Semicon Device LC72133M_11 Datasheet HTML 4Page - Sanyo Semicon Device LC72133M_11 Datasheet HTML 5Page - Sanyo Semicon Device LC72133M_11 Datasheet HTML 6Page - Sanyo Semicon Device LC72133M_11 Datasheet HTML 7Page - Sanyo Semicon Device LC72133M_11 Datasheet HTML 8Page - Sanyo Semicon Device LC72133M_11 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
No. 5427-3/23
LC72133M, 72133V
Allowable Operating Ranges at Ta = –20 to +70°C, VSS = 0 V
Note: * Recommended crystal oscillator CI values:
CI ≤ 120Ω (For a 4.5 MHz crystal)
CI ≤ 70Ω (For a 7.2 MHz crystal)
<Sample Oscillator Circuit>
Crystal oscillator: HC-49/U (manufactured by Kinseki, Ltd.), CL = 12 pF
C1 = C2 = 15 pF
The circuit constants for the crystal oscillator circuit depend on the crystal used, the printed circuit board pattern, and other items. Therefore we
recommend consulting with the manufacturer of the crystal for evaluation and reliability.
Parameter
Symbol
Pins
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
2.7
3.6
V
Input high-level voltage
VIH1
CE, CL, DI
0.7 VDD
5.5
V
VIH2
IO1, IO2
0.7 VDD
13
V
Input low-level voltage
VIL
CE, CL, DI, IO1, IO2
0
0.3 VDD
V
VO1DO
0
5.5
V
Output voltage
VO2
BO1 to BO4, IO1, IO2,
013
V
AOUT
fIN1XIN
VIN11
8
MHz
fIN2-1
FMIN
VIN2-1
10
90
MHz
fIN2-2
FMIN
VIN2-2
10
120
MHz
Input frequency
fIN2-3
FMIN
VIN2-1, VDD ≥ 3.0 V
10
130
MHz
fIN3
AMIN
VIN3, SNS = 1
2
40
MHz
fIN4
AMIN
VIN4, SNS = 0
0.5
10
MHz
fIN5
IFIN
VIN5
0.4
12
MHz
VIN1XIN
fIN1
400
900
mVrms
VIN2-1
FMIN
fIN2-1, fIN2-3
70
900
mVrms
VIN2-2
FMIN
fIN2-2
100
900
mVrms
Input amplitude
VIN3
AMIN
fIN3, SNS = 1
70
900
mVrms
VIN4
AMIN
fIN4, SNS = 0
70
900
mVrms
VIN5-1
IFIN
fIN5, IFS = 1
70
900
mVrms
VIN5-2
IFIN
fIN6, IFS = 0
100
900
mVrms
Supported crystals
Xtal
XIN, XOUT
*
4.0
8.0
MHz
C2
C1
XOUT
XIN
LC72133M
LC72133V
A11904


Similar Part No. - LC72133M_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
More results

Similar Description - LC72133M_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LC72122V SANYO-LC72122V Datasheet
346Kb / 22P
   PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com