Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1163 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD1163
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1163 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD1163 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1163 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD1163 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1163,2SD1163A
DESCRIPTION
・With TO-220 package
・Low collector saturation voltage
APPLICATIONS
・TV horizontal deflection output,
PINNING
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SD1163
300
VCBO
Collector-base voltage
2SD1163A
Open emitter
350
V
2SD1163
120
VCEO
Collector-emitter voltage
2SD1163A
Open base
150
V
VEBO
Emitter-base voltage
Open collector
6
V
IC
Collector current
7
A
ICM
Collector current-peak
10
A
IC(surge)
Collector current-surge
20
A
PC
Collector power dissipation
TC=25℃
40
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter


Similar Part No. - 2SD1163

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1163 HITACHI-2SD1163 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
logo
List of Unclassifed Man...
2SD1163 ETC1-2SD1163 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Renesas Technology Corp
2SD1163 RENESAS-2SD1163 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
logo
Savantic, Inc.
2SD1163 SAVANTIC-2SD1163 Datasheet
97Kb / 3P
   Silicon NPN Power Transistors
logo
Thinki Semiconductor Co...
2SD1163 THINKISEMI-2SD1163 Datasheet
399Kb / 2P
   NPN Silicon Epitaxial Power Transistor
More results

Similar Description - 2SD1163

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com