Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2725 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG2725
Description  Low Voltage, 1.2ohm, Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2725 Datasheet(HTML) 8 Page - Vishay Siliconix

  DG2725 Datasheet HTML 1Page - Vishay Siliconix DG2725 Datasheet HTML 2Page - Vishay Siliconix DG2725 Datasheet HTML 3Page - Vishay Siliconix DG2725 Datasheet HTML 4Page - Vishay Siliconix DG2725 Datasheet HTML 5Page - Vishay Siliconix DG2725 Datasheet HTML 6Page - Vishay Siliconix DG2725 Datasheet HTML 7Page - Vishay Siliconix DG2725 Datasheet HTML 8Page - Vishay Siliconix DG2725 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Vishay Siliconix
Package Information
Document Number: 74496
12-Feb-07
www.vishay.com
1
MINI QFN-10L CASE OUTLINE
DIM
MILLIMETERS
INCHES
MIN.
NAM.
MAX.
MIN.
NAM.
MAX.
A
0.50
0.55
0.60
0.0197
0.0217
0.0236
A1
0.00
-
0.05
0.000
-
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
c
0.15 REF
0.006 REF
D
1.75
1.80
1.85
0.069
0.071
0.073
E
1.35
1.40
1.45
0.053
0.055
0.057
e
0.40 BSC
0.016 BSC
L
0.35
0.40
0.45
0.014
0.016
0.018
L1
0.45
0.50
0.55
0.0177
0.0197
0.0217
ECN T-07039-Rev. A, 12-Feb-07
DWG: 5957


Similar Part No. - DG2725

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2720 VISHAY-DG2720 Datasheet
133Kb / 8P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. C, 23-Jun-08
DG2720 VISHAY-DG2720 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
DG2720DN-T1-E4 VISHAY-DG2720DN-T1-E4 Datasheet
133Kb / 8P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. C, 23-Jun-08
DG2720DN-T1-E4 VISHAY-DG2720DN-T1-E4 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
DG2720 VISHAY-DG2720_V01 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG2725

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FSA2467 FAIRCHILD-FSA2467 Datasheet
397Kb / 11P
   0.4W Low Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com