Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2729 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2729
Description  0.65-ohm, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2729 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2729 Datasheet HTML 1Page - Vishay Siliconix DG2729 Datasheet HTML 2Page - Vishay Siliconix DG2729 Datasheet HTML 3Page - Vishay Siliconix DG2729 Datasheet HTML 4Page - Vishay Siliconix DG2729 Datasheet HTML 5Page - Vishay Siliconix DG2729 Datasheet HTML 6Page - Vishay Siliconix DG2729 Datasheet HTML 7Page - Vishay Siliconix DG2729 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
DG2727, DG2728, DG2729
Document Number: 69049
S09-0557-Rev. A, 13-Apr-09
www.vishay.com
1
0.65-
Ω, Low Voltage, Negative Swing Capable,
Dual SPST Analog Switch
DESCRIPTION
The DG2727, DG2728, and DG2729 are 0.6
Ω dual SPST
analog switches. When Sx are used as signal input, these
devices support AC-coupled audio signals with single rail
power supply. Audio signals can swing below ground down
to V+ - 4.3 V.
Built on Vishay Siliconix’s sub-micro CMOS technology, the
DG2747/2748/2749 achieve 0.6
Ω on-resistance and 0.2 Ω
flatness at 2.7 V power supply. Its total harmonic distortion is
0.006 % (frequency ranges 20 Hz to 20 kHz).
It achieves - 72 dB off-isolation and - 100 dB crosstalk at
100 kHz. Its - 3 dB bandwidth is up to 78 MHz.
Select pin of control logic can tolerate voltage above power
supply up to 4.3 V. It has guaranteed 1.2 V logic high for the
power supply 2.7 V to 4.3 V range. This makes it compatible
with many low voltage digital control circuits.
Combining wide operation voltage, low power, high speed,
low on-resistance and small physical size, the DG2747,
DG2748, DG2749 are ideal for portable and battery powered
applications requiring high performance and efficient use of
board space
.
The
DG2747,
DG2748,
DG2749
come
in
a
small
miniQFN-8L package (1.4 mm x 1.4 mm x 0.55 mm) and
operate over - 40 °C to + 85 °C extended temperature range.
FEATURES
Halogen-free according to IEC 61249-2-21
definition
Wide operation voltage range: 1.6 V to 4.3 V
Low 0.6
Ω (typical at 2.7 V) on-resistance
Guaranteed logic high threshold:
Vth(high) = 1.2 V at V+ = 4.3 V
- 82 dB crosstalk and - 76 dB off-isolation at 100 kHz
250 MHz, - 3 dB bandwidth
0.006 % total harmonic distortion
> 250 mA latch up current per JESD78
> 8 kV ESD/HBM per MIL-STD 883 (method 3015)
Compliant to RoHS directive 2002/95/EC
BENEFITS
Ultra small miniQFN-8L package of 1.4 mm x 1.4 mm
x 0.55 mm
High fidelity audio switch
Reed relay replacement
Low power consumption
APPLICATIONS
Cellular phones
GPS and portable media player
Audio and video signal routing
Modems
Hard drives and computer peripherals
Low voltage data-acquisition circuits
Medical and test equipment
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Pin 1
Device Marking: Gx for DG2727
x = Date/Lot Traceability Code
Gx
(Top View)
DG2727
miniQFN-8L
Top View
2
6
8
4
1
3
7
5
GND
V+
IN1
IN2
D2
S1
D1
Pin 1
Device Marking: Lx for DG2729
x = Date/Lot Traceability Code
Lx
(Top View)
DG2729
miniQFN-8L
Top View
2
6
8
4
1
3
7
5
V+
GND
Pin 1
Device Marking: Kx for DG2728
x = Date/Lot Traceability Code
Kx
(Top View)
2
6
8
4
1
3
7
5
GND
V+
DG2728
miniQFN-8L
Top View
S2
IN1
IN2
D2
S1
D1
S2
IN1
IN2
D2
S1
D1
S2


Similar Part No. - DG2729

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2729 VISHAY-DG2729 Datasheet
167Kb / 9P
   0.65-廓, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
02-Oct-12
DG2729DN-T1-E4 VISHAY-DG2729DN-T1-E4 Datasheet
167Kb / 9P
   0.65-廓, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
02-Oct-12
More results

Similar Description - DG2729

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2727 VISHAY-DG2727_V01 Datasheet
167Kb / 9P
   0.65-廓, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
02-Oct-12
logo
Intersil Corporation
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
logo
MagnaChip Semiconductor...
MSI2021 MGCHIP-MSI2021 Datasheet
345Kb / 11P
   0.4(ohm) Dual SPDT Analog Switch with Negative Swing Feature
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
   Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Vishay Siliconix
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com