Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74763M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC74763M
Description  On-Screen Display LSI
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74763M Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC74763M Datasheet HTML 6Page - Sanyo Semicon Device LC74763M Datasheet HTML 7Page - Sanyo Semicon Device LC74763M Datasheet HTML 8Page - Sanyo Semicon Device LC74763M Datasheet HTML 9Page - Sanyo Semicon Device LC74763M Datasheet HTML 10Page - Sanyo Semicon Device LC74763M Datasheet HTML 11Page - Sanyo Semicon Device LC74763M Datasheet HTML 12Page - Sanyo Semicon Device LC74763M Datasheet HTML 13Page - Sanyo Semicon Device LC74763M Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC74763, LC74763M
➃ COMMAND3: Horizontal Display Position Setting Command
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
1
6—
0
The command 3 identification code:
5—
1
sets the horizontal display position.
4—
1
3
SZB1
0
1
The character size for the eleventh line.
2
SZB0
0
1
1
SZ91
0
1
The character size for the ninth line.
0
SZ90
0
1
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
0
Second byte identification code
6—
0
5
HP5
0
(MSB)
1
4
HP4
0
1
The horizontal display start position is given by
3
HP3
0
The six bits HP0 to HP5 specify the
1
vertical display start position.
2
HP2
0
The weight of the lsb is 1 x Tc.
1
where Tc is the period of the OSCIN and OSCOUT oscillator in
1
HP1
0
operating mode.
1
0
HP0
0
(LSB)
1
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
➄ COMMAND4: Display Control Setting Command 1
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
1
6—
1
The command 4 identification code:
5—
0
sets display control parameters.
4—
0
3
RSTSYS
0
This reset occurs when the CS pin goes
1
Resets all registers. (Clears all registers to 0.)
low, and the reset state cleared when
the CS pin goes high.
2
RAMERS
0
The RAM erase function requires at
1
Erases display RAM. (Sets display RAM to FF (hexadecimal).)
least 500 µs.
It is executed on DSPOFF.
1
OSCSTP
0
Continues crystal oscillator operation.
Only valid with character display off if
1
Stops the crystal oscillator.
external synchronization is used.
0
RNDSEL
0
Turns off rounding.
Only valid for double and triple size
1
Turns on rounding.
characters.
No. 5039-10/21
SZB0
SZB1
01
0
Normal size
Double size
1
Triple size
Normal size
SZ90
SZ91
01
0
Normal size
Double size
1
Triple size
Normal size
5
HS = Tc × ( Σ
2nHPn)
n = 0


Similar Part No. - LC74763M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74763M SANYO-LC74763M Datasheet
419Kb / 19P
   On-Screen Display LSI?
More results

Similar Description - LC74763M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com