Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2727DN-T1-E4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2727DN-T1-E4
Description  0.65-ohm, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2727DN-T1-E4 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2727DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2727DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2727DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2727DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2727DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2727DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2727DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG2727DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 69049
S09-0557-Rev. A, 13-Apr-09
Vishay Siliconix
DG2727, DG2728, DG2729
Notes:
a. Signals on S or D or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 2.4 mW/°C above 70 °C.
TRUTH TABLE
Logic
DG2727
DG2728
DG2729
S1 and D1
S2 and D2
S1 and D1
D2 and D2
S1 and D1
S2 and D2
Low
OFF
OFF
ON
ON
ON
OFF
High
ON
ON
OFF
OFF
OFF
ON
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85°C
miniQFN-8L
DG2727DN-T1-E4
DG2728DN-T1-E4
DG2729DN-T1-E4
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Limit
Unit
Reference to GND
V+
- 0.3 to 5.0
V
IN, D, Sa
- 0.3 to (V+ + 0.3)
Current (Any terminal except S or D)
30
mA
Continuous Current (S or D)
± 300
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 500
Storage Temperature (D Suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
miniQFN-8Lc
190
mW


Similar Part No. - DG2727DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2727DN-T1-E4 VISHAY-DG2727DN-T1-E4 Datasheet
167Kb / 9P
   0.65-廓, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
02-Oct-12
More results

Similar Description - DG2727DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2727 VISHAY-DG2727_V01 Datasheet
167Kb / 9P
   0.65-廓, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
02-Oct-12
logo
Intersil Corporation
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
logo
MagnaChip Semiconductor...
MSI2021 MGCHIP-MSI2021 Datasheet
345Kb / 11P
   0.4(ohm) Dual SPDT Analog Switch with Negative Swing Feature
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
   Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Vishay Siliconix
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com